Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICL7663SCBA Datasheet(PDF) 1 Page - Intersil Corporation

Part # ICL7663SCBA
Description  CMOS Programmable Micropower Positive Voltage Regulator
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ICL7663SCBA Datasheet(HTML) 1 Page - Intersil Corporation

  ICL7663SCBA Datasheet HTML 1Page - Intersil Corporation ICL7663SCBA Datasheet HTML 2Page - Intersil Corporation ICL7663SCBA Datasheet HTML 3Page - Intersil Corporation ICL7663SCBA Datasheet HTML 4Page - Intersil Corporation ICL7663SCBA Datasheet HTML 5Page - Intersil Corporation ICL7663SCBA Datasheet HTML 6Page - Intersil Corporation ICL7663SCBA Datasheet HTML 7Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
55
TM
File Number
3180.3
ICL7663S
CMOS Programmable Micropower
Positive Voltage Regulator
The ICL7663S Super Programmable Micropower Voltage
Regulator is a low power, high efficiency positive voltage
regulator which accepts 1.6V to 16V inputs and provides
adjustable outputs from 1.3V to 16V at currents up to 40mA.
It is a direct replacement for the industry standard ICL7663B
offering wider operating voltage and temperature ranges,
improved output accuracy (ICL7663SA), better temperature
coefficient, guaranteed maximum supply current, and
guaranteed line and load regulation. All improvements are
highlighted in the electrical characteristics section. Critical
parameters are guaranteed over the entire commercial
and industrial temperature ranges. The ICL7663S/SA
programmable output voltage is set by two external resistors.
The 1% reference accuracy of the ICL7663SA eliminates the
need for trimming the output voltage in most applications.
The ICL7663S is well suited for battery powered supplies,
featuring 4
µA quiescent current, low VIN to VOUT differential,
output current sensing and logic input level shutdown
control. In addition, the ICL7663S has a negative
temperature coefficient output suitable for generating a
temperature compensated display drive voltage for LCD
displays.
Features
• Guaranteed 10
µA Maximum Quiescent Current Over All
Temperature Ranges
• Wider Operating Voltage Range - 1.6V to 16V
• Guaranteed Line and Load Regulation Over Entire
Operating Temperature Range Optional
• 1% Output Voltage Accuracy (ICL7663SA)
• Output Voltage Programmable from 1.3V to 16V
• Improved Temperature Coefficient of Output Voltage
• 40mA Minimum Output Current with Current Limiting
• Output Voltages with Programmable Negative
Temperature Coefficients
• Output Shutdown via Current-Limit Sensing or External
Logic Level
• Low Input-to-Output Voltage Differential
• Improved Direct Replacement for Industry Standard
ICL7663B and Other Second-Source Products
Applications
• Low-Power Portable Instrumentation
• Pagers
• Handheld Instruments
• LCD Display Modules
• Remote Data Loggers
• Battery-Powered Systems
Pinout
ICL7663S
(PDIP, CERDIP, SOIC)
TOP VIEW
Ordering Information
PART NUMBER
TEMP. RANGE
(oC)
PACKAGE
PKG. NO.
ICL7663SCBA
0 to 70
8 Ld SOIC (N)
M8.15
ICL7663SCPA
0 to 70
8 Ld PDIP
E8.3
ICL7663SACBA
0 to 70
8 Ld SOIC (N)
M8.15
ICL7663SACPA
0 to 70
8 Ld PDIP
E8.3
ICL7663SIBA
-25 to 85
8 Ld SOIC (N)
M8.15
ICL7663SIPA
-25 to 85
8 Ld PDIP
E8.3
ICL7663SAIBA
-25 to 85
8 Ld SOIC (N)
M8.15
ICL7663SAIPA
-25 to 85
8 Ld PDIP
E8.3
SENSE
VOUT2
VOUT1
GND
1
2
3
4
8
7
6
5
VIN+
VTC
VSET
SHDN
Data Sheet
April 1999
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143
| Intersil (and design) is a trademark of Intersil Americas Inc.
Copyright © Intersil Americas Inc. 2001. All Rights Reserved


Similar Part No. - ICL7663SCBA

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICL7663SCBA INTERSIL-ICL7663SCBA Datasheet
220Kb / 8P
CMOS Programmable Micropower Positive Voltage Regulator
July 21, 2005
ICL7663SCBA INTERSIL-ICL7663SCBA Datasheet
220Kb / 8P
CMOS Programmable Micropower Positive Voltage Regulator
October 2, 2015
logo
Renesas Technology Corp
ICL7663SCBA RENESAS-ICL7663SCBA Datasheet
421Kb / 8P
CMOS Programmable Micropower Positive Voltage Regulator
logo
Intersil Corporation
ICL7663SCBAZA INTERSIL-ICL7663SCBAZA Datasheet
220Kb / 8P
CMOS Programmable Micropower Positive Voltage Regulator
July 21, 2005
ICL7663SCBAZA INTERSIL-ICL7663SCBAZA Datasheet
220Kb / 8P
CMOS Programmable Micropower Positive Voltage Regulator
October 2, 2015
More results

Similar Description - ICL7663SCBA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
ICL7663 MAXIM-ICL7663 Datasheet
349Kb / 8P
Programmable Positive Voltage Regulator
19-0961; Rev 1; 4/94
logo
Intersil Corporation
ICL7663S INTERSIL-ICL7663S_05 Datasheet
220Kb / 8P
CMOS Programmable Micropower Positive Voltage Regulator
July 21, 2005
logo
GTM CORPORATION
G62FP GTM-G62FP Datasheet
1,002Kb / 7P
CMOS Positive Voltage Regulator
GL2136 GTM-GL2136 Datasheet
331Kb / 4P
CMOS POSITIVE VOLTAGE REGULATOR
GM62FP GTM-GM62FP Datasheet
1Mb / 7P
CMOS POSITIVE VOLTAGE REGULATOR
GQ2123 GTM-GQ2123 Datasheet
542Kb / 7P
CMOS POSITIVE VOLTAGE REGULATOR
GT2133 GTM-GT2133 Datasheet
437Kb / 7P
CMOS POSITIVE VOLTAGE REGULATOR
logo
SeCoS Halbleitertechnol...
S5M2111 SECOS-S5M2111 Datasheet
1Mb / 5P
CMOS Positive Voltage Regulator
logo
Intersil Corporation
ICL7663S INTERSIL-ICL7663S_15 Datasheet
220Kb / 8P
CMOS Programmable Micropower Positive Voltage Regulator
October 2, 2015
logo
Renesas Technology Corp
ICL7663S RENESAS-ICL7663S Datasheet
421Kb / 8P
CMOS Programmable Micropower Positive Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com