Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPC4093 Datasheet(PDF) 6 Page - NEC

Part # UPC4093
Description  J-FET INPUT LOW-OFFSET OPERATIONAL AMPLIFIER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC4093 Datasheet(HTML) 6 Page - NEC

Back Button UPC4093 Datasheet HTML 2Page - NEC UPC4093 Datasheet HTML 3Page - NEC UPC4093 Datasheet HTML 4Page - NEC UPC4093 Datasheet HTML 5Page - NEC UPC4093 Datasheet HTML 6Page - NEC UPC4093 Datasheet HTML 7Page - NEC UPC4093 Datasheet HTML 8Page - NEC UPC4093 Datasheet HTML 9Page - NEC UPC4093 Datasheet HTML 10Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
µµµµPC4093
PACKAGE DRAWINGS
8PIN PLASTIC DIP (300 mil)
ITEM
MILLIMETERS
INCHES
NOTES
1) Each lead centerline is located within 0.25 mm (0.01 inch) of
its true position (T.P.) at maximum material condition.
P8C-100-300B,C-1
N
0.25
0.01
P
0.9 MIN.
0.035 MIN.
R
0~15
°
0~15
°
A
10.16 MAX.
0.400 MAX.
B
1.27 MAX.
0.050 MAX.
F
1.4 MIN.
0.055 MIN.
G
3.2
±0.3
0.126
±0.012
J
5.08 MAX.
0.200 MAX.
K
7.62 (T.P.)
0.300 (T.P.)
C
2.54 (T.P.)
0.100 (T.P.)
D
0.50
±0.10
0.020+0.004
–0.005
H
0.51 MIN.
0.020 MIN.
I
4.31 MAX.
0.170 MAX.
L
6.4
0.252
M
0.25
0.010+0.004
–0.003
+0.10
–0.05
2) ltem "K" to center of leads when formed parallel.
14
85
M
A
R
M
P
I
J
H
G
F
DN
C
B
L
K



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com