Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPC4093 Datasheet(PDF) 8 Page - NEC

Part # UPC4093
Description  J-FET INPUT LOW-OFFSET OPERATIONAL AMPLIFIER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC4093 Datasheet(HTML) 8 Page - NEC

Back Button UPC4093 Datasheet HTML 4Page - NEC UPC4093 Datasheet HTML 5Page - NEC UPC4093 Datasheet HTML 6Page - NEC UPC4093 Datasheet HTML 7Page - NEC UPC4093 Datasheet HTML 8Page - NEC UPC4093 Datasheet HTML 9Page - NEC UPC4093 Datasheet HTML 10Page - NEC UPC4093 Datasheet HTML 11Page - NEC UPC4093 Datasheet HTML 12Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
µµµµPC4093
RECOMMENDED SOLDERING CONDITIONS
When soldering this product, it is highly recommended to observe the conditions as shown below.
If other
soldering processes are used, or if the soldering is performed under different conditions, please make sure to consult
with our sales offices.
For
more
details,
refer
to
our
document
"SEMICONDUCTOR
DEVICE
MOUNTING
TECHNOLOGY
MANUAL"(C10535E).
Type of Surface Mount Device
µµµµPC4093G2: 8-pin plastic SOP (225 mil)
Process
Conditions
Symbol
Infrared Ray Reflow
Peak temperature: 230 °C or below (Package surface temperature),
Reflow time: 30 seconds or less (at 210 °C or higher),
Maximum number of reflow processes: 1 time.
IR30-00-1
Vapor Phase Soldering
Peak temperature: 215 °C or below (Package surface temperature),
Reflow time: 40 seconds or less (at 200 °C or higher),
Maximum number of reflow processes: 1 time.
VP15-00-1
Wave Soldering
Solder temperature: 260 °C or below, Flow time: 10 seconds or less,
Maximum number of flow processes: 1 time,
Pre-heating temperature: 120 °C or below (Package surface temperature).
WS60-00-1
Partial Heating Method
Pin temperature: 300 °C or below,
Heat time: 3 seconds or less (Per each side of the device).
–
Caution Apply only one kind of soldering condition to a device, except for "partial heating method", or the
device will be damaged by heat stress.
Type of Through-hole Device
µµµµPC4093C: 8-pin plastic DIP (300 mil)
Process
Conditions
Wave Soldering
(only to leads)
Solder temperature: 260 °C or below,
Flow time: 10 seconds or less.
Partial Heating Method
Pin temperature: 300 °C or below,
Heat time: 3 seconds or less (per each lead).
Caution For through-hole device, the wave soldering process must be applied only to leads, and make sure
that the package body does not get jet soldered.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com