Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL84516 Datasheet(PDF) 7 Page - Intersil Corporation

Part # ISL84516
Description  Low-Voltage, Dual Supply, SPST, Analog Switches
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL84516 Datasheet(HTML) 7 Page - Intersil Corporation

Back Button ISL84516 Datasheet HTML 2Page - Intersil Corporation ISL84516 Datasheet HTML 3Page - Intersil Corporation ISL84516 Datasheet HTML 4Page - Intersil Corporation ISL84516 Datasheet HTML 5Page - Intersil Corporation ISL84516 Datasheet HTML 6Page - Intersil Corporation ISL84516 Datasheet HTML 7Page - Intersil Corporation ISL84516 Datasheet HTML 8Page - Intersil Corporation ISL84516 Datasheet HTML 9Page - Intersil Corporation ISL84516 Datasheet HTML 10Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
7
Typical Performance Curves TA = 25oC, VIH = V+, VIL = 0V, Unless Otherwise Specified
FIGURE 7. ON RESISTANCE vs SUPPLY VOLTAGE
FIGURE 8. ON RESISTANCE vs SWITCH VOLTAGE
FIGURE 9. TURN - ON TIME vs SUPPLY VOLTAGE
FIGURE 10. TURN - OFF TIME vs SUPPLY VOLTAGE
FIGURE 11. DIGITAL SWITCHING POINT vs SUPPLY VOLTAGE
FIGURE 12. CHARGE INJECTION vs SWITCH VOLTAGE
1
234
56
0
50
100
150
VS (±V)
-40oC
85oC
ICOM = 1mA
VCOM = (V+) -1V
25
75
125
-40oC
25oC
VCOM (V)
-5
-2
0
2
4
5
-4
-3
-1
1
3
5
10
15
20
25
30
25oC
-40oC
85oC
VS = ±5V
10
15
20
25
30
25oC
-40oC
85oC
VS = ±3.3V
20
25
30
35
40
45
50
VS = ±1.5V
25oC
-40oC
85oC
ICOM = 1mA
VS (±V)
12345
6
100
30
40
50
60
70
80
90
100
120
-40oC
85oC
25oC
RL = 300Ω
VCOM = (V+) -1V
VIN = 0 to V+
VS (±V)
12345
6
10
20
30
40
50
60
70
80
85oC
-40oC
RL = 300Ω
VCOM = (V+) -1V
25oC
VIN = 0 to V+
VS (±V)
12
34
56
-0.5
0
0.5
1
1.5
2
2.5
3
3.5
-40oC to 85oC
VINH
VINL
-5
-4
-2
0
2
4
5
-40
-30
-20
-10
0
10
20
30
40
VCOM (V)
-3
-1
1
3
VS = ±1.5V
VS = ±3.3V
VS = ±5V
ISL84516, ISL84517



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com