Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL84516 Datasheet(PDF) 1 Page - Intersil Corporation

Part # ISL84516
Description  Low-Voltage, Dual Supply, SPST, Analog Switches
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL84516 Datasheet(HTML) 1 Page - Intersil Corporation

  ISL84516 Datasheet HTML 1Page - Intersil Corporation ISL84516 Datasheet HTML 2Page - Intersil Corporation ISL84516 Datasheet HTML 3Page - Intersil Corporation ISL84516 Datasheet HTML 4Page - Intersil Corporation ISL84516 Datasheet HTML 5Page - Intersil Corporation ISL84516 Datasheet HTML 6Page - Intersil Corporation ISL84516 Datasheet HTML 7Page - Intersil Corporation ISL84516 Datasheet HTML 8Page - Intersil Corporation ISL84516 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1
®
FN6030.2
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright © Intersil Americas Inc. 2003. All Rights Reserved
ISL84516, ISL84517
Low-Voltage, Dual Supply, SPST, Analog
Switches
The Intersil ISL84516 and ISL84517 devices are precision,
analog switches designed to operate from ±1.5V to ±6V
supplies. Targeted applications include battery powered
equipment that benefit from the devices’ low power
consumption (350mW), low leakage currents, and fast
switching speeds. Additionally, excellent RON flatness
maintains signal fidelity over the whole input range, while
micro packaging alleviates board space limitations.
The ISL8451X are single-pole/single-throw (SPST) switches,
with the ISL84516 being normally open (NO), and the
ISL84517 being normally closed (NC).
Table 1 summarizes the performance of this family. For
higher performance, pin compatible versions, see the
ISL43112, ISL43113 data sheet. For single supply versions,
see the ISL84514, ISL84515 data sheet.
Related Literature
• Technical Brief TB363 “Guidelines for Handling and
Processing Moisture Sensitive Surface Mount Devices
(SMDs)”
• Application Note AN557 “Recommended Test Procedures
for Analog Switches”
Features
• Drop-in Replacements for MAX4516 and MAX4517 at
VS = ±5V
• Available in SOT-23 Packaging
• Dual Supply Operation . . . . . . . . . . . . . . . . . . .
±1.5V to ±6V
• ON Resistance (RON Max). . . . . . . . . . . . . . . . . . . . . 20Ω
•RON Flatness . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3Ω
• Charge Injection . . . . . . . . . . . . . . . . . . . . . . . . . 20pC (Max)
• Low Leakage Current (Max at 85oC) . 20nA (Off Leakage)
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 40nA (On Leakage)
• Fast Switching Action
-tON (Max) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 100ns
-tOFF (Max) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 75ns
• Minimum 2000V ESD Protection per Method 3015.7
• CMOS Logic Compatible
Applications
• Battery Powered, Handheld, and Portable Equipment
• Communications Systems
-Radios
- Telecom Infrustructure
• Medical Equipment
- Ultrasound, MRI, CAT/PET SCAN
- Electrocardiograph, Blood Analyzer
• Test Equipment
- Logic and Spectrum Analyzers
- Portable Meters, DVM, DMM
• Audio and Video Switching
• General Purpose Circuits
- Low Voltage DACs and ADCs
- Sample and Hold Circuits
- Digital Filters
- Operational Amplifier Gain Switching Networks
- High Frequency Analog Switching
- High Speed Multiplexing
- Integrator Reset Circuits
TABLE 1. FEATURES AT A GLANCE
ISL84516
ISL84517
Number of Switches
1
1
Configuration
NO
NC
±5V R
ON
13
Ω
13
Ω
±5V t
ON/tOFF
40ns / 30ns
40ns / 30ns
Packages
8 Ld SOIC, 5 Ld SOT-23
Ordering Information
PART NO.
(BRAND)
TEMP. RANGE
(oC)
PACKAGE
PKG. DWG. #
ISL84516IB
-40 to 85
8 Ld SOIC
M8.15
ISL84516IB-T
-40 to 85
8 Ld SOIC
Tape and Reel
M8.15
ISL84516IH-T
(516I)
-40 to 85
5 Ld SOT-23,
Tape and Reel
P5.064
ISL84517IB
-40 to 85
8 Ld SOIC
M8.15
ISL84517IB-T
-40 to 85
8 Ld SOIC
Tape and Reel
M8.15
ISL84517IH-T
(517I)
-40 to 85
5 Ld SOT-23,
Tape and Reel
P5.064
Data Sheet
June 2003


Similar Part No. - ISL84516

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL84516 INTERSIL-ISL84516 Datasheet
256Kb / 10P
Low-Voltage, Dual Supply, SPST, Analog Switches
May 19, 2005
ISL84516 INTERSIL-ISL84516 Datasheet
9Mb / 44P
Providing high-performance solutions for every link in the signal chain
logo
Renesas Technology Corp
ISL84516 RENESAS-ISL84516 Datasheet
561Kb / 10P
Low-Voltage, Dual Supply, SPST, Analog Switches
logo
Intersil Corporation
ISL84516IH-T INTERSIL-ISL84516IH-T Datasheet
256Kb / 10P
Low-Voltage, Dual Supply, SPST, Analog Switches
May 19, 2005
logo
Renesas Technology Corp
ISL84516IH-T RENESAS-ISL84516IH-T Datasheet
561Kb / 10P
Low-Voltage, Dual Supply, SPST, Analog Switches
More results

Similar Description - ISL84516

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL8323 INTERSIL-ISL8323 Datasheet
540Kb / 10P
Low-Voltage, Single Supply, Dual SPST Analog Switches
January 2002
ISL84541 INTERSIL-ISL84541 Datasheet
336Kb / 16P
Low-Voltage, Single Supply, Dual SPST, SPDT Analog Switches
April 2003
logo
Maxim Integrated Produc...
MAX4503 MAXIM-MAX4503 Datasheet
114Kb / 12P
Low-Voltage, Dual-Supply, SPST, CMOS Analog Switches
Rev 0; 6/96
logo
Intersil Corporation
ISL84516 INTERSIL-ISL84516_05 Datasheet
256Kb / 10P
Low-Voltage, Dual Supply, SPST, Analog Switches
May 19, 2005
ISL8323 INTERSIL-ISL8323_04 Datasheet
241Kb / 10P
Low-Voltage, Single Supply, Dual SPST Analog Switches
ISL43120 INTERSIL-ISL43120_07 Datasheet
319Kb / 12P
Low-Voltage, Single Supply, Dual SPST Analog Switches
October 18, 2007
ISL43120IHZ-T INTERSIL-ISL43120IHZ-T Datasheet
433Kb / 13P
Low-Voltage, Single Supply, Dual SPST Analog Switches
August 17, 2015
logo
Renesas Technology Corp
ISL8323 RENESAS-ISL8323 Datasheet
582Kb / 11P
Low-Voltage, Single Supply, Dual SPST Analog Switches
ISL43120 RENESAS-ISL43120 Datasheet
821Kb / 13P
Low-Voltage, Single Supply, Dual SPST Analog Switches
ISL84516 RENESAS-ISL84516 Datasheet
561Kb / 10P
Low-Voltage, Dual Supply, SPST, Analog Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com