Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RFD15P05 Datasheet(PDF) 3 Page - Intersil Corporation

Part # RFD15P05
Description  15A, 50V, 0.150 Ohm, P-Channel Power MOSFETs
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

RFD15P05 Datasheet(HTML) 3 Page - Intersil Corporation

  RFD15P05 Datasheet HTML 1Page - Intersil Corporation RFD15P05 Datasheet HTML 2Page - Intersil Corporation RFD15P05 Datasheet HTML 3Page - Intersil Corporation RFD15P05 Datasheet HTML 4Page - Intersil Corporation RFD15P05 Datasheet HTML 5Page - Intersil Corporation RFD15P05 Datasheet HTML 6Page - Intersil Corporation RFD15P05 Datasheet HTML 7Page - Intersil Corporation RFD15P05 Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
4-98
Typical Performance Curves
FIGURE 1. NORMALIZED POWER DISSIPATION vs CASE
TEMPERATURE
FIGURE 2. MAXIMUM CONTINUOUS DRAIN CURRENT vs
CASE TEMPERATURE
FIGURE 3. NORMALIZED MAXIMUM TRANSIENT THERMAL IMPEDANCE
FIGURE 4. FORWARD BIAS SAFE OPERATING AREA
FIGURE 5. PEAK CURRENT CAPABILITY
TC, CASE TEMPERATURE (
oC)
25
50
75
100
125
150
175
0
0
0
0.2
0.4
0.6
0.8
1.0
1.2
-4
-8
0
25
50
75
100
125
150
TC , CASE TEMPERATURE (
oC)
-12
-16
175
NOTES:
DUTY FACTOR: D = t1/t2
PEAK TJ = PDM x ZθJC x RθJC + TC
PDM
t1
t2
0.01
0.1
1
2
t1, RECTANGULAR PULSE DURATION (s)
10-5
10-3
10-2
10-1
100
101
10-4
SINGLE PULSE
0.01
0.02
0.05
0.1
0.2
0.5
-100
-10
-1
-1
-10
-100
VDS , DRAIN TO SOURCE VOLTAGE (V)
OPERATION IN THIS
AREA MAY BE
LIMITED BY rDS(ON)
100
µs
1ms
100ms
DC
10ms
TC = 25
oC
TJ = MAX RATED
10-5
10-4
10-3
10-2
10-1
100
101
-100
t, PULSE WIDTH (s)
VGS = -20V
VGS = -10V
TRANSCONDUCTANCE
MAY LIMIT CURRENT
IN THIS REGION
-10
-200
FOR TEMPERATURES ABOVE 25oC
DERATE PEAK CURRENT
CAPABILITY AS FOLLOWS:
II
25
175
T
C
–
150
----------------------



=
TC = 25
oC
RFD15P05, RFD15P05SM, RFP15P05



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com