Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F36506NFA Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # R5F36506NFA
Description  RENESAS MCU
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F36506NFA Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button R5F36506NFA Datasheet HTML 3Page - Renesas Technology Corp R5F36506NFA Datasheet HTML 4Page - Renesas Technology Corp R5F36506NFA Datasheet HTML 5Page - Renesas Technology Corp R5F36506NFA Datasheet HTML 6Page - Renesas Technology Corp R5F36506NFA Datasheet HTML 7Page - Renesas Technology Corp R5F36506NFA Datasheet HTML 8Page - Renesas Technology Corp R5F36506NFA Datasheet HTML 9Page - Renesas Technology Corp R5F36506NFA Datasheet HTML 10Page - Renesas Technology Corp R5F36506NFA Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 115 page
background image
R01DS0031EJ0210 Rev.2.10
Page 7 of 111
Jul 31, 2012
M16C/65 Group
1. Overview
(D): Under development
(P): Planning
Previous package codes are as follows:
PLQP0128KB-A: 128P6Q-A
PRQP0100JD-B: 100P6F-A
PLQP0100KB-A: 100P6Q-A
Table 1.6
Product List (2/2)
As of July 2012
Part No.
ROM Capacity
RAM
Capacity
Package Code
Remarks
Program
ROM 1
Program
ROM 2
Data flash
R5F3651TNFC
768 KB
16 KB
4 KB
× 2 blocks
47 KB
PLQP0128KB-A Operating
temperature
-20°C to 85°C
R5F3650TNFA
PRQP0100JD-B
R5F3650TNFB
PLQP0100KB-A
R5F3651TDFC
PLQP0128KB-A Operating
temperature
-40°C to 85°C
R5F3650TDFA
PRQP0100JD-B
R5F3650TDFB
PLQP0100KB-A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com