Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R5F36506NFA Datasheet(PDF) 85 Page - Renesas Technology Corp

Part # R5F36506NFA
Description  RENESAS MCU
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F36506NFA Datasheet(HTML) 85 Page - Renesas Technology Corp

Back Button R5F36506NFA Datasheet HTML 81Page - Renesas Technology Corp R5F36506NFA Datasheet HTML 82Page - Renesas Technology Corp R5F36506NFA Datasheet HTML 83Page - Renesas Technology Corp R5F36506NFA Datasheet HTML 84Page - Renesas Technology Corp R5F36506NFA Datasheet HTML 85Page - Renesas Technology Corp R5F36506NFA Datasheet HTML 86Page - Renesas Technology Corp R5F36506NFA Datasheet HTML 87Page - Renesas Technology Corp R5F36506NFA Datasheet HTML 88Page - Renesas Technology Corp R5F36506NFA Datasheet HTML 89Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 115 page
background image
R01DS0031EJ0210 Rev.2.10
Page 85 of 111
Jul 31, 2012
M16C/65 Group
5. Electrical Characteristics
VCC1 = VCC2 = 5 V
Switching Characteristics
(VCC1 = VCC2 = 5 V, VSS = 0 V, at Topr = -20°C to 85°C/-40°C to 85°C unless otherwise specified)
5.2.4.5
In Wait State Setting 2
φ + 3φ, 2φ + 4φ, 3φ + 4φ, and 4φ + 5φ, and When
Inserting 1 to 3 Recovery Cycles and Accessing External Area
Notes:
1.
Calculated according to the BCLK frequency as follows:
2.
Calculated according to the BCLK frequency as follows:
3.
This standard value shows the timing when the output is off, and does not
show hold time of data bus.
Hold time of data bus varies with capacitor volume and pull-up (pull-down)
resistance value.
Hold time of data bus is expressed in
t =
−CR × ln(1−V
OL/VCC2)
by a circuit of the right figure.
For example, when VOL = 0.2VCC2, C = 30 pF, R = 1 kΩ, hold time of output
low level is
t =
−30 pF × 1 kΩ × In(1 − 0.2V
CC2/VCC2)
= 6.7 ns.
4.
Calculated according to the BCLK frequency as follows:
Table 5.42
Memory Expansion and Microprocessor Modes (in Wait State Setting 2
φ + 3φ, 2φ + 4φ,
3
φ + 4φ, and 4φ + 5φ, and When Inserting 1 to 3 Recovery Cycles and Accessing
External Area)
Symbol
Parameter
Measuring
Condition
Standard
Unit
Min.
Max.
td(BCLK-AD)
Address output delay time
See
Figure 5.14
25
ns
th(BCLK-AD)
Address output hold time (in relation to BCLK)
0ns
th(RD-AD)
Address output hold time (in relation to RD)
(Note 4)
ns
th(WR-AD)
Address output hold time (in relation to WR)
(Note 2)
ns
td(BCLK-CS)
Chip select output delay time
25
ns
th(BCLK-CS)
Chip select output hold time (in relation to BCLK)
0ns
td(BCLK-ALE)
ALE signal output delay time
15
ns
th(BCLK-ALE)
ALE signal output hold time
-4
ns
td(BCLK-RD)
RD signal output delay time
25
ns
th(BCLK-RD)
RD signal output hold time
0ns
td(BCLK-WR)
WR signal output delay time
25
ns
th(BCLK-WR)
WR signal output hold time
0ns
td(BCLK-DB)
Data output delay time (in relation to BCLK)
40
ns
th(BCLK-DB)
Data output hold time (in relation to BCLK) (3)
0ns
td(DB-WR)
Data output delay time (in relation to WR)
(Note 1)
ns
th(WR-DB)
Data output hold time (in relation to WR) (3)
(Note 2)
ns
n
10
9
×
f
BCLK
()
------------------40 ns
[]
–
n is 3 for 2
φ + 3φ, 4 for 2φ + 4φ, 4 for 3φ + 4φ, and 5 for 4φ + 5φ.
m
10
9
×
f
BCLK
()
-------------------10 ns
[]
–
m is 1 when 1 recovery cycle is inserted, 2 when 2 recovery cycles are inserted, and
3 when 3 recovery cycles are inserted.
DBi
R
C
m
10
9
×
f
BCLK
()
-------------------0 ns
[]
+
m is 1 when 1 recovery cycle is inserted, 2 when 2 recovery cycles are inserted, and
3 when 3 recovery cycles are inserted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com