Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACE25C160G Datasheet(PDF) 32 Page - ACE Technology Co., LTD.

Part # ACE25C160G
Description  Uniform SECTOR Dual and Quad Serial Flash
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE25C160G Datasheet(HTML) 32 Page - ACE Technology Co., LTD.

Back Button ACE25C160G Datasheet HTML 28Page - ACE Technology Co., LTD. ACE25C160G Datasheet HTML 29Page - ACE Technology Co., LTD. ACE25C160G Datasheet HTML 30Page - ACE Technology Co., LTD. ACE25C160G Datasheet HTML 31Page - ACE Technology Co., LTD. ACE25C160G Datasheet HTML 32Page - ACE Technology Co., LTD. ACE25C160G Datasheet HTML 33Page - ACE Technology Co., LTD. ACE25C160G Datasheet HTML 34Page - ACE Technology Co., LTD. ACE25C160G Datasheet HTML 35Page - ACE Technology Co., LTD. ACE25C160G Datasheet HTML 36Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 32 / 36 page
background image
ACE25C160G
Uniform SECTOR Dual and Quad Serial Flash
VER 1.5
32
AC Characteristics(T=-40℃~85℃, VCC=2.7~3.6V, CL=30pf)
Symbol
Parameter
Min
Typ
Max
Unit
fC
Serial Clock Frequency For: FAST_READ(0BH), Dual
Output(3BH)
DC.
108
MHz
fC1
Serial Clock Frequency For: Dual I/O(BBH), Quad I/O(EBH),
Quad Output(6BH)
DC.
108
MHz
fR
Serial Clock Frequency For: Read(03H)
DC.
55
MHz
tCLH
Serial Clock High Time
4
ns
tCLL
Serial Clock Low Time
4
ns
tCLCH
Serial Clock Rise Time (Slew Rate)
0.1
(2)
V/ns
tCHCL
Serial Clock Fall Time (Slew Rate)
0.2
(2)
V/ns
tSLCH
CS# Active Setup Time
5
ns
tCHSH
CS# Active Hold Time
5
ns
tSHCH
CS# Not Active Setup Time
5
ns
tCHSL
CS# Not Active Hold Time
5
ns
tSHSL
CS# High Time(read/write)
20
ns
tSHQZ
Output Disable Time
6
ns
tCLQX
Output Hold Time
0
ns
tDVCH
Data In Setup Time
2
ns
tCHDX
Data In Hold Time
2
ns
tHLCH
Hold# Low Setup Time (relative to Clock)
5
ns
tHHCH
Hold# High Setup Time (relative to Clock)
5
ns
tCHHL
Hold# High Hold Time (relative to Clock)
5
ns
tCHHH
Hold# Low Hold Time (relative to Clock)
5
ns
tHLQZ
Hold# Low To High-Z Output
6
ns
tHHQX
Hold# Low To Low-Z Output
6
ns
tCLQV
Clock Low To Output Valid
7
ns
tWHSL
Write Protect Setup Time Before CS# Low
20
ns
tSHWL
Write Protect Hold Time After CS# High
100
ns
tDP
CS# High To Deep Power-Down Mode
0.1
μs
tRES1
CS# High To Standby Mode Without Electronic Signature
Read
3
μs
tRES2
CS# High To Standby Mode With Electronic Signature Read
1.5
μs
tSUS
CS# High To Next Command After Suspend
2
us
tW
Write Status Register Cycle Time
2
15
(1)
ms
tPP
Page Programming Time
0.7
2.4
ms
tSE
Sector Erase Time
100
300
ms
tBE
Block Erase Time(32K Bytes/64K Bytes)
0.2/0.3
1/1.2
s
tCE
Chip Erase Time(ACE25C160G)
10
25
s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com