Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACE25C160G Datasheet(PDF) 10 Page - ACE Technology Co., LTD.

Part # ACE25C160G
Description  Uniform SECTOR Dual and Quad Serial Flash
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE25C160G Datasheet(HTML) 10 Page - ACE Technology Co., LTD.

Back Button ACE25C160G Datasheet HTML 6Page - ACE Technology Co., LTD. ACE25C160G Datasheet HTML 7Page - ACE Technology Co., LTD. ACE25C160G Datasheet HTML 8Page - ACE Technology Co., LTD. ACE25C160G Datasheet HTML 9Page - ACE Technology Co., LTD. ACE25C160G Datasheet HTML 10Page - ACE Technology Co., LTD. ACE25C160G Datasheet HTML 11Page - ACE Technology Co., LTD. ACE25C160G Datasheet HTML 12Page - ACE Technology Co., LTD. ACE25C160G Datasheet HTML 13Page - ACE Technology Co., LTD. ACE25C160G Datasheet HTML 14Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 36 page
background image
ACE25C160G
Uniform SECTOR Dual and Quad Serial Flash
VER 1.5
10
Table2. Commands
Command Name
Byte 1
Byte 2
Byte 3
Byte 4
Byte 5
Byte 6
n-Bytes
Write Enable
06H
Write Disable
04H
Read Status Register
05H
(S7-S0)
(continuous)
Read Status Register-1
35H
(S15-S8)
(continuous)
Write Enable for Volatile
Status Register
50H
Write Status Register
01H
(S7-S0)
Read Data
03H
A23-A16
A15-A8
A7-A0
(D7-D0)
(Next
byte)
(continuous)
Fast Read
0BH
A23-A16
A15-A8
A7-A0
dummy
(D7-D0)
(continuous)
Dual Output Fast Read
3BH
A23-A16
A15-A8
A7-A0
dummy
(D7-D0)(1)
(continuous)
Dual I/O Fast Read
BBH
A23-A8(2)
A7-A0
M7-M0(2)
(D7-D0)(1)
(continuous)
Quad Output Fast Read
6BH
A23-A16
A15-A8
A7-A0
dummy
(D7-D0)(3)
(continuous)
Quad I/O Fast Read
EBH
A23-A0
M7-M0(4)
Dummy(5)
(D7-D0)(3)
(continuous)
Continuous Read Reset
FFH
Page Program
02H
A23-A16
A15-A8
A7-A0
(D7-D0)
Next byte
Sector Erase
20H
A23-A16
A15-A8
A7-A0
Block Erase (32K)
52H
A23-A16
A15-A8
A7-A0
Block Erase (64K)
D8H
A23-A16
A15-A8
A7-A0
Chip Erase
C7/60H
Program/Erase Suspend
75H
Program/ Erase Resume
7AH
Deep Power-Down
B9H
Release From Deep
Power-Down, And Read
Device ID
ABH
dummy
dummy
dummy
(ID7-ID0)
(continuous)
Release From Deep
Power-Down
ABH
Manufacturer/Device ID
90H
dummy
dummy
00H
(M7-M0)
(ID7-ID0)
(continuous)
Read Identification
9FH
(M7-M0)
(ID15-ID8)
(ID7-ID0)
(continuous)
Erase Security Registers (8)
44H
A23-A16
A15-A8
A7-A0
Program Security Registers
(8)
42H
A23-A16
A15-A8
A7-A0
(D7-D0)
(D7-D0)
Read Security Registers (8)
48H
A23-A16
A15-A8
A7-A0
dummy
(D7-D0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com