Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACE515C Datasheet(PDF) 2 Page - ACE Technology Co., LTD.

Part # ACE515C
Description  300mA High PSRR, Fast Response Linear Regulator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE515C Datasheet(HTML) 2 Page - ACE Technology Co., LTD.

  ACE515C_14 Datasheet HTML 1Page - ACE Technology Co., LTD. ACE515C_14 Datasheet HTML 2Page - ACE Technology Co., LTD. ACE515C_14 Datasheet HTML 3Page - ACE Technology Co., LTD. ACE515C_14 Datasheet HTML 4Page - ACE Technology Co., LTD. ACE515C_14 Datasheet HTML 5Page - ACE Technology Co., LTD. ACE515C_14 Datasheet HTML 6Page - ACE Technology Co., LTD. ACE515C_14 Datasheet HTML 7Page - ACE Technology Co., LTD. ACE515C_14 Datasheet HTML 8Page - ACE Technology Co., LTD. ACE515C_14 Datasheet HTML 9Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
ACE515C
300mA High PSRR, Fast Response Linear Regulator
VER 1.5
2
Typical Performance Characteristic:
Absolute Maximum Ratings
Parameter
Symbol
Max
Unit
Max Input voltage
VIN
8
V
Package Thermal Resistance
SOT-23-3
SOT-23-5
θjA
220℃
W
220℃
W
Power Dissipation
SC-70-5
SOT-23-3L
SOT-23-5
DFN1*1-4
250
250
250
600
mW
Operating Junction temperature
TJ
125
OC
Storage temperature
TS
- 45 to 150
OC
Output Current
300
mA
Ambient Temperature
TA
-40 to 85
OC
Lead Temperature & Time
260
OC,10S
Note:
Heat Sink Area of PCB for DFN1x1-4 is recommended at least 2.5mmx4mm.
Exceed these limits to damage to the device.
Exposure to absolute maximum rating conditions may affect device reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com