Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACE515C Datasheet(PDF) 4 Page - ACE Technology Co., LTD.

Part # ACE515C
Description  300mA High PSRR, Fast Response Linear Regulator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE515C Datasheet(HTML) 4 Page - ACE Technology Co., LTD.

  ACE515C_14 Datasheet HTML 1Page - ACE Technology Co., LTD. ACE515C_14 Datasheet HTML 2Page - ACE Technology Co., LTD. ACE515C_14 Datasheet HTML 3Page - ACE Technology Co., LTD. ACE515C_14 Datasheet HTML 4Page - ACE Technology Co., LTD. ACE515C_14 Datasheet HTML 5Page - ACE Technology Co., LTD. ACE515C_14 Datasheet HTML 6Page - ACE Technology Co., LTD. ACE515C_14 Datasheet HTML 7Page - ACE Technology Co., LTD. ACE515C_14 Datasheet HTML 8Page - ACE Technology Co., LTD. ACE515C_14 Datasheet HTML 9Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
ACE515C
300mA High PSRR, Fast Response Linear Regulator
VER 1.5
4
Recommended Work Conditions
Item
Min
Max
Unit
Input Voltage Range
1.5
6
V
Ambient Temperature
-40
85
℃
*The operation ambient temperature range is verified on several test samples. Not a test condition for volume production whose
test is only performed under 25°C.
Electrical Characteristics
ACE515C for arbitrary output voltage (Test Conditions: Cin=1uF, Cout=1uF,TA=25℃, unless otherwise specified.)
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Input Voltage
VIN
1.5
6
V
Output Voltage
VOUT>1.5V
VIN=Set VOUT+1V
1mA≦Iout≦30mA
VOUT
x0.98
VOUT
VOUT x
1.02
V
VOUT<=1.5V
VOUT –
0.03
VOUT +
0.03
Maximum Output
Current
IOUT(Max.)
VIN -VOUT=1V
300
mA
Dropout Voltage, VOUT
≧2.8V
Vdrop
1
IOUT=100mA
100
150
mV
IOUT=300mA
300
400
Line Regulation
ΔV
OUT /
ΔV
IN•VOUT
IOUT=40mA
2.8V≦VIN≦6V
0.05
0.2
%/V
Load Regulation
ΔV
OUT
VIN=Set VOUT+1V
1mA≦IOUT≦300mA
50
80
mV
Supply Current
Iss
VIN=Set VOUT+1V
35
80
uA
Supply Current
(Standby)
Istandby
VIN=Set VOUT+1V Vce=Vss
0.1
1.0
uA
Output Voltage
Temperature
Coefficient
ΔV
OUT /
ΔT•V
OUT
IOUT=30mA
±100
ppm/
℃
Ripple Rejection
PSRR
F=1KHz, Ripple=0.5Vp-p
VIN=Set VOUT+1V
70
dB
Short Current Limit
IIim
300
mA
CE Pin Pull down
Resistance
Rcepd
CE=Vin=5V
500K
Ω
CE Input Voltage “H”
Vceh
1.5
VIN
V
CE Input Voltage “L”
Vcel
0
0.25
V
Output Noise
En
BW=10Hz~100kHz
47
uVrms
Discharge Resistor
Rdischarge
CE=0, Vout=3.0V
1.5K
Ω
Note: Vdrop=Vin 1-(Vout2*0.98) Vout2 is the output voltage when Vin=Vout1+1.0V and Iout=300mA.
Vin is the input voltage at which the output voltage becomes 98% of Vout1 after gradually decreasing the input voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com