Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACE4702 Datasheet(PDF) 13 Page - ACE Technology Co., LTD.

Part # ACE4702
Description  2 Cell Li-ion Battery Charger IC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE4702 Datasheet(HTML) 13 Page - ACE Technology Co., LTD.

Back Button ACE4702 Datasheet HTML 7Page - ACE Technology Co., LTD. ACE4702 Datasheet HTML 8Page - ACE Technology Co., LTD. ACE4702 Datasheet HTML 9Page - ACE Technology Co., LTD. ACE4702 Datasheet HTML 10Page - ACE Technology Co., LTD. ACE4702 Datasheet HTML 11Page - ACE Technology Co., LTD. ACE4702 Datasheet HTML 12Page - ACE Technology Co., LTD. ACE4702 Datasheet HTML 13Page - ACE Technology Co., LTD. ACE4702 Datasheet HTML 14Page - ACE Technology Co., LTD. ACE4702 Datasheet HTML 15Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
ACE4702
2 Cell Li-ion Battery Charger IC
VER 1.1
13
PCB Layout Considerations
When laying out the printed circuit board, the following considerations should be taken to ensure proper
operation of the IC.
(1) To minimize radiation, the 2 diodes, pass transistor, inductor and the input bypass capacitor traces
should be kept as short as possible. The positive side of the input capacitor should be close to the
source of the P-channel MOSFET; it provides the AC current to the pass transistor. The connection
between the catch diode and the pass transistor should also be kept as short as possible.
(2) The compensation capacitor connected at the COM1, COM2 and COM3 pins should return to the
analog ground pin of the IC. This will prevent ground noise from disrupting the loop stability.
(3) Output capacitor ground connections need to feed into same copper that connects to the input
capacitor ground before tying back into system ground.
(4) Analog ground and power ground(or switching ground) should return to system ground separately.
(5) The ground pins also works as a heat sink, therefore use a generous amount of copper around the
ground pins. This is especially important for high VCC and/or high gate capacitance applications.
(6) Place the charge current sense resistor RCS right next to the inductor output but oriented such that
the IC’s CSP and BAT traces going to RCS are not long. The 2 traces need to be routed together as a
single pair on the same layer at any given time with smallest trace spacing possible.
(7) The CSP and BAT pins should be connected directly to the current sense resistor (Kelvin sensing) for
best charge current accuracy. See Figure 4 as an example.
Figure 4 Kelvin Sensing of Charge Current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com