Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WPANT30048-R2A Datasheet(PDF) 3 Page - World Produts Inc.

Part # WPANT30048-R2A
Description  900 MHz GSM Omni-Directional Antenna
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WPI [World Produts Inc.]
Direct Link  http://www.worldproducts.com
Logo WPI - World Produts Inc.

WPANT30048-R2A Datasheet(HTML) 3 Page - World Produts Inc.

  WPANT30048-R2A Datasheet HTML 1Page - World Produts Inc. WPANT30048-R2A Datasheet HTML 2Page - World Produts Inc. WPANT30048-R2A Datasheet HTML 3Page - World Produts Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Rev: 3.0
Created on: October 18, 2013
Created by: MKS
Approved by: BP
Page | 3
3D Radiation Patterns of the Antenna
Horizontal Pattern
Vertical Pattern



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com