Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WPANT30048-R2A Datasheet(PDF) 1 Page - World Produts Inc.

Part # WPANT30048-R2A
Description  900 MHz GSM Omni-Directional Antenna
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WPI [World Produts Inc.]
Direct Link  http://www.worldproducts.com
Logo WPI - World Produts Inc.

WPANT30048-R2A Datasheet(HTML) 1 Page - World Produts Inc.

  WPANT30048-R2A Datasheet HTML 1Page - World Produts Inc. WPANT30048-R2A Datasheet HTML 2Page - World Produts Inc. WPANT30048-R2A Datasheet HTML 3Page - World Produts Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Rev: 3.0
Created on: October 18, 2013
Created by: MKS
Approved by: BP
Page | 1
WPANT30048-R2A
900 MHz GSM Omni-Directional Antenna
Description / Application
This is a high gain Omni-directional antenna that operates in the 900 MHz GSM band. It comes with a Type-N female connector.
The antenna is at DC ground to ensure protection against lightning.
We can assist your engineers to optimize mounting positions for these antennas in your specific application and can further
customize the antennas for your specific needs. Please contact sales@worldproducts.com with your specific application
requirements.
Electrical Properties
Operating Frequency
870 – 960 MHz
Approximate Antenna Impedance [
Ω] 50
Ω
VSWR – Typical
< 2:1
Peak Gain [dBi] (Typical)
6 dBi
Polarization
Vertical
Pattern
Omni-Directional
Accepted Power [W] (Max)
500 Watts
Lightning Protection
DC ground
Mechanical / Environmental Properties
Antenna Dimensions
51’’ X 1.5’’
(1300mm X 38mm)
Antenna Color
Grey
Connector
Type-N Female
Antenna Radome
Fiberglass
Operating / Storage Temperature
-40
oC to +90oC
Environmental
Meets standards for UL 94V-0
Hazardous Materials
RoHS Compliant


Similar Part No. - WPANT30048-R2A

ManufacturerPart #DatasheetDescription
logo
World Produts Inc.
WPANT30048-RA WPI-WPANT30048-RA Datasheet
68Kb / 2P
900 MHz GSM Omni-Directional Antenna
More results

Similar Description - WPANT30048-R2A

ManufacturerPart #DatasheetDescription
logo
World Produts Inc.
WPANT30044-RA WPI-WPANT30044-RA Datasheet
71Kb / 2P
900 MHz GSM Unipolarized Directional Antenna
WPANT30046-RA WPI-WPANT30046-RA Datasheet
161Kb / 2P
900 MHz GSM Corner Antenna
WPANT30048-RA WPI-WPANT30048-RA Datasheet
68Kb / 2P
900 MHz GSM Omni-Directional Antenna
WPANT30049-RA WPI-WPANT30049-RA Datasheet
86Kb / 2P
900 MHz Directional Paraboloid Antenna
WPANT30050-RA WPI-WPANT30050-RA Datasheet
97Kb / 2P
900 MHz Directional Yagi Antenna
WPANT30087-R1A WPI-WPANT30087-R1A Datasheet
71Kb / 2P
900 MHz ISM band Omni-directional Antenna
WPANT30104-S1B WPI-WPANT30104-S1B Datasheet
103Kb / 3P
900 MHz ISM band Omni-Directional Antenna
logo
Pulse A Technitrol Comp...
W5067 PULSE-W5067 Datasheet
490Kb / 7P
Radome Omni ??Omni directional Antenna
logo
World Produts Inc.
WPANT30044-RA WPI-WPANT30044-RA_15 Datasheet
66Kb / 2P
900 MHz GSM Unipolarized Directional Antenna
WPANT30115 WPI-WPANT30115 Datasheet
115Kb / 3P
900 MHz ISM band Omni-directional Antenna
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com