Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OP220GS Datasheet(PDF) 5 Page - Analog Devices

Part # OP220GS
Description  Dual Micropower Operational Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

OP220GS Datasheet(HTML) 5 Page - Analog Devices

  OP220GS Datasheet HTML 1Page - Analog Devices OP220GS Datasheet HTML 2Page - Analog Devices OP220GS Datasheet HTML 3Page - Analog Devices OP220GS Datasheet HTML 4Page - Analog Devices OP220GS Datasheet HTML 5Page - Analog Devices OP220GS Datasheet HTML 6Page - Analog Devices OP220GS Datasheet HTML 7Page - Analog Devices OP220GS Datasheet HTML 8Page - Analog Devices OP220GS Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
REV. A
–5–
OP220
TEMPERATURE – C
150
–150
–50
125
–25
025
50
75
100
100
50
0
–50
–100
VS = 15V
TPC 1. Normalized Offset Voltage vs. Temperature
POWER SUPPLY VOLTAGE – V
80
–60
0
20
4
8
12
16
60
40
20
0
–20
–40
TA = 25 C
TPC 2. Input Offset Voltage vs. Power Supply Voltage
TEMPERATURE – C
110
0
–75
125
–50
–25
0
25
50
75
100
90
60
40
20
10
80
70
50
30
100
10Hz
VS = 15V
100Hz
1kHz
TPC 3. Open-Loop Gain vs. Temperature
TEMPERATURE – C
14
0
–100
150
–50
0
50
100
12
10
8
6
4
2
VS = 15V
TPC 4. Input Bias Current vs. Temperature
TEMPERATURE – C
700
0
–100
150
–50
0
50
100
600
500
400
300
200
100
VS = 15V
TPC 5. Input Offset Current vs. Temperature
SUPPLY VOLTAGE – V
200
60
0
17.5
7.5
10.0
12.5
180
160
140
120
100
80
TA = 125 C
5.0
2.5
15.0
TA = 25 C
TA = –55 C
TPC 6. Supply Current vs. Supply Voltage
Typical Performance Characteristics–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com