Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC4536 Datasheet(PDF) 6 Page - California Eastern Labs

Part # 2SC4536
Description  NPN MEDIUM POWER MICROWAVE TRANSISTOR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

2SC4536 Datasheet(HTML) 6 Page - California Eastern Labs

Back Button 2SC4536 Datasheet HTML 2Page - California Eastern Labs 2SC4536 Datasheet HTML 3Page - California Eastern Labs 2SC4536 Datasheet HTML 4Page - California Eastern Labs 2SC4536 Datasheet HTML 5Page - California Eastern Labs 2SC4536 Datasheet HTML 6Page - California Eastern Labs 2SC4536 Datasheet HTML 7Page - California Eastern Labs 2SC4536 Datasheet HTML 8Page - California Eastern Labs 2SC4536 Datasheet HTML 9Page - California Eastern Labs 2SC4536 Datasheet HTML 10Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
TYPICAL COMMON EMITTER SCATTERING PARAMETERS1 (TA = 25°C)
NE46100, NE46134
NE46100
VCE = 10 V, IC = 100 mA
FREQUENCY
S11
S21
S12
S22
K
MAG2
(MHz)
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
(dB)
100
0.791
-139
29.278
112
0.027
30
0.508
-109
0.22
30.4
200
0.809
-161
15.503
98
0.027
32
0.433
-140
0.43
27.5
500
0.822
-177
6.280
84
0.037
43
0.414
-165
0.81
22.3
800
0.815
176
3.939
76
0.046
48
0.408
-171
1.02
18.5
1000
0.819
173
3.176
71
0.055
50
0.411
-174
1.05
16.2
1200
0.818
170
2.621
67
0.064
54
0.412
-176
1.11
14.1
1400
0.814
167
2.255
62
0.070
52
0.418
-178
1.16
12.7
1600
0.821
164
1.990
58
0.078
52
0.430
-180
1.14
11.8
1800
0.823
161
1.786
54
0.090
53
0.434
179
1.11
11.0
2000
0.819
159
1.585
50
0.097
52
0.429
177
1.15
9.8
2500
0.816
153
1.304
40
0.113
51
0.458
174
1.18
8.1
3000
0.812
148
1.085
31
0.139
47
0.484
171
1.13
6.7
3500
0.813
142
0.937
23
0.153
45
0.501
168
1.14
5.6
4000
0.802
137
0.824
15
0.168
42
0.520
165
1.18
4.3
VCE = 12.5 V, lC = 50 mA
100
0.759
-129
28.230
116
0.032
30
0.543
-96
0.21
29.5
200
0.806
-155
15.378
101
0.035
31
0.420
-130
0.35
26.4
500
0.815
-175
6.261
85
0.041
34
0.380
-159
0.71
21.9
800
0.813
178
3.926
76
0.052
44
0.379
-167
0.91
18.8
1000
0.814
174
3.179
71
0.058
45
0.375
-171
1.00
17.1
1200
0.816
171
2.629
67
0.067
47
0.382
-172
1.03
14.8
1400
0.810
168
2.266
62
0.071
46
0.385
-174
1.12
12.9
1600
0.817
165
1.993
58
0.079
47
0.400
-175
1.11
12.0
1800
0.816
163
1.770
53
0.087
49
0.408
-176
1.13
10.9
2000
0.817
160
1.592
49
0.090
51
0.408
-178
1.20
9.8
2500
0.811
154
1.301
40
0.109
50
0.441
179
1.20
8.0
3000
0.809
149
1.084
30
0.131
46
0.459
176
1.17
6.7
3500
0.811
143
0.934
22
0.150
45
0.482
172
1.15
5.6
4000
0.803
137
0.816
13
0.166
42
0.514
169
1.17
4.4
VCE = 12.5 V, lC = 100 mA
100
0.785
-138
29.375
112
0.027
25
0.510
-109
0.21
30.4
200
0.804
-160
15.593
98
0.030
32
0.421
-140
0.43
27.1
500
0.814
-177
6.318
84
0.040
42
0.401
-164
0.78
22.0
800
0.809
176
3.951
76
0.048
48
0.398
-171
1.02
18.3
1000
0.815
173
3.193
71
0.057
52
0.400
-174
1.05
16.1
1200
0.813
170
2.656
67
0.060
53
0.403
-177
1.17
14.0
1400
0.811
167
2.264
62
0.073
51
0.411
-178
1.13
12.7
1600
0.818
164
1.997
58
0.076
55
0.416
-180
1.19
11.6
1800
0.814
162
1.797
54
0.090
54
0.421
180
1.14
10.7
2000
0.813
160
1.613
49
0.094
50
0.424
178
1.18
9.8
2500
0.805
154
1.316
40
0.113
52
0.442
175
1.22
7.9
3000
0.813
148
1.091
31
0.133
46
0.470
172
1.15
6.7
3500
0.807
142
0.948
23
0.156
45
0.481
169
1.15
5.5
4000
0.802
137
0.826
14
0.164
40
0.510
166
1.19
4.4
Notes:
1. S-Parameters include Bond wires.
Base:
Total 1 wire, 1 per Bond Pad, 0.0259" (658 µm) long each wire.
Collector:
Total 1 wire, 1 per Bond Pad, 0.0182 “ (463 µm) long each wire.
Emitter:
Total 2 wires, 1 per side, 0.0224" (569 µm) long each wire.
Wire:
0.0007" (17.8 µm) dia., gold.
2. Gain Calculations:
MAG = Maximum Available Gain
MSG = Maximum Stable Gain
MAG =
|S21|
|S12|
K - 1
).
2
(K ±
∆ = S11 S22 - S21 S12
When K ≤ 1, MAG is undefined and MSG values are used. MSG =
|S21|
|S12|
, K = 1 + | ∆ | - |S
11
| - |S22|
2
2
2
2 |S12 S21|
,



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com