Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AVR700UXRM Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # AVR700UXRM
Description  AVR Series 120V 700VA 350W Ultra-Compact Line-Interactive UPS with USB port and Muted Alarm
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

AVR700UXRM Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  AVR700UXRM_15 Datasheet HTML 1Page - Tripp Lite. All Rights Reserved AVR700UXRM_15 Datasheet HTML 2Page - Tripp Lite. All Rights Reserved AVR700UXRM_15 Datasheet HTML 3Page - Tripp Lite. All Rights Reserved AVR700UXRM_15 Datasheet HTML 4Page - Tripp Lite. All Rights Reserved AVR700UXRM_15 Datasheet HTML 5Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
AVR Series 120V 700VA 350W Ultra-Compact
Line-Interactive UPS with USB port and Muted Alarm
MODEL NUMBER: AVR700UXRM
Description
Tripp Lite's AVR700UXRM Ultra-Compact Line Interactive UPS offers complete power protection for desktop
PCs, network workstations and a wide variety of professional and consumer electronic devices. Uninterruptible
Power Supply / UPS circuits switch to battery backup mode within milliseconds to keep connected equipment running without interruption or data loss during
power failures. Automatic Voltage Regulation / AVR power conditioning maintains smooth, continuous operation of connected equipment during brownouts and
overvoltages. Surge-only outlets offer convenient protection for printers and other desktop accessories not requiring battery support. AC and dataline surge
suppression prevents connected equipment damage. USB communications port supports built-in power management and auto-shutdown features of Windows
and Mac OS X or full featured monitoring and data-saving auto-shutdown options using Tripp Lite's free PowerAlert monitoring software.
Features
AVR700UXRM ultra-compact 120V line interactive UPS offers complete AC power protection from blackouts, brownouts and transient surges
700VA / 350 watt UPS output capacity
Audible alarm is completely muted from the factory; Alarm operation can be restored using PowerAlert UPS management software
Uninterruptible Power Supply / UPS operation maintains battery-derived AC output during blackouts to prevent data loss and system downtime for
connected equipment
Built-in USB port enables data-saving unattended shutdown when used with Tripp Lite's PowerAlert software, available via FREE download from
www.tripplite.com
HID-compliant USB port also enables integration with built-in power management and auto shutdown features of Windows and Mac OS X
Automatic Voltage Regulation / AVR corrects extended brownouts and overvoltages from 83 to 147V, without using battery power
Large internal battery offers 50% longer runtime than Tripp Lite AVR700U
11.8 minutes runtime at 50% load (175 watts)
Up to 42 minutes runtime for a single desktop computer system consuming 60 watts continuous
8 built-in NEMA 5-15R outlets, two with extra wide spacing to accommodate transformer plugs
4 UPS battery backup outlets, plus 4 additional surge-only outlets
Right angle NEMA 5-15P input connection with 6ft / 1.8m line cord
Network grade AC surge and lightning protection is available from all outlets; Built-in data line surge suppression protects a single dialup or DSL line
Supports Tripp Lite's Watchdog system service to restore operation to locked equipment through soft reboot of application/OS or hard power off/on reboot
Highlights
700VA ultra-compact 120V line
interactive UPS
Corrects brownouts and
overvoltages from 83V to 147V
4 UPS battery supported outlets,
4 surge-only outlets
USB port, TEL/DSL protection,
Wall mountable, 98% efficient
50% longer runtime than Tripp
Lite AVR700U
Audible alarm is muted for
full-time silent operation
NEMA 5-15P input plug and 8
NEMA 5-15R outlets
Package Includes
AVR700UXRM UPS System
USB cable
Instruction manual
1 / 5


Similar Part No. - AVR700UXRM_15

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
AVR700UXRM TRIPPLITE-AVR700UXRM Datasheet
527Kb / 5P
AVR Series 750VA Ultra-compact Line-Interactive 120V UPS
More results

Similar Description - AVR700UXRM_15

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AVR550U ETC2-AVR550U Datasheet
531Kb / 6P
AVR Series 550VA Ultra-compact Line-Interactive 120V UPS with USB port
AVR750U ETC2-AVR750U Datasheet
529Kb / 6P
AVR Series 750VA Ultra-compact Line-Interactive 120V UPS with USB port
AVR900U ETC2-AVR900U Datasheet
530Kb / 6P
AVR Series 900VA Ultra-compact Line-Interactive 120V UPS with USB port
logo
Tripp Lite. All Rights ...
AVR700U TRIPPLITE-AVR700U Datasheet
522Kb / 5P
AVR Series 700VA Ultra-compact Line-Interactive 120V UPS
AVR900U TRIPPLITE-AVR900U Datasheet
527Kb / 5P
AVR Series 900VA Ultra-compact Line-Interactive 120V UPS with USB port
AVR550U TRIPPLITE-AVR550U_15 Datasheet
526Kb / 4P
AVR Series 120V 550VA 300W Ultra-Compact Line-Interactive UPS with USB port
AVR650UM TRIPPLITE-AVR650UM_15 Datasheet
524Kb / 5P
AVR Series 120V 650VA 325W Ultra-Compact Line-Interactive UPS with USB port and Muted Alarm
AVR700U TRIPPLITE-AVR700U_15 Datasheet
522Kb / 5P
AVR Series 120V 700VA 350W Ultra-Compact Line-Interactive UPS with USB port
AVR750U TRIPPLITE-AVR750U_15 Datasheet
529Kb / 5P
AVR Series 120V 750VA 450W Ultra-Compact Line-Interactive UPS with USB port
AVR900U TRIPPLITE-AVR900U_15 Datasheet
528Kb / 5P
AVR Series 120V 900VA 480W Ultra-Compact Line-Interactive UPS with USB port
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com