Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AVR700UXRM Datasheet(PDF) 2 Page - Tripp Lite. All Rights Reserved

Part # AVR700UXRM
Description  AVR Series 120V 700VA 350W Ultra-Compact Line-Interactive UPS with USB port and Muted Alarm
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

AVR700UXRM Datasheet(HTML) 2 Page - Tripp Lite. All Rights Reserved

  AVR700UXRM_15 Datasheet HTML 1Page - Tripp Lite. All Rights Reserved AVR700UXRM_15 Datasheet HTML 2Page - Tripp Lite. All Rights Reserved AVR700UXRM_15 Datasheet HTML 3Page - Tripp Lite. All Rights Reserved AVR700UXRM_15 Datasheet HTML 4Page - Tripp Lite. All Rights Reserved AVR700UXRM_15 Datasheet HTML 5Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Supports Tripp Lite's Watchdog system service to restore operation to locked equipment through soft reboot of application/OS or hard power off/on reboot
of connected equipment, ideal for unattended kiosk applications
98% line mode efficiency rating uses less energy and BTU emissions
Built-in grounding lug
Hot swappable user battery replacement
Optional PDUB15 bypass PDU enable hot-swappable UPS replacement with no disruption to connected equipment
Space saving, ultra-compact housing with support for wall-mount, desktop or floor placement
Specifications
OUTPUT
Output Volt Amp Capacity (VA)
700
Output Watt Capacity (Watts)
350
Nominal Output Voltage(s)
Supported
115V; 120V
Frequency Compatibility
60 Hz
Output Voltage Regulation (Line
Mode)
+8%, -21%
Output Voltage Regulation (Battery
Mode)
115V (+/- 5%)
Output Receptacles
(8) 5-15R
UPS Output Receptacles (Surge
Suppression Only)
4 UPS outlets, 4 surge-only outlets
Hot-Swap PDU options
PDUB15 (2U / 8 5-15R outlets)
Output AC Waveform (AC Mode)
Sine wave
Output AC Waveform (Battery Mode)
PWM sine wave
INPUT
Rated input current (Maximum Load)
12A
Nominal Input Voltage(s) Supported
120V AC
UPS Input Connection Type
5-15P
UPS Input Cord Length (ft.)
6
UPS Input Cord Length (m)
1.8
Recommended Electrical Service
15A 120V
Input Phase
Single-Phase
BATTERY
Half Load Runtime (min.)
11.8 min. (175w)
DC System Voltage (VDC)
12
2 / 5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com