Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMP04 Datasheet(PDF) 8 Page - Analog Devices

Part # SMP04
Description  CMOS Quad Sample and Hold Amplifier
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SMP04 Datasheet(HTML) 8 Page - Analog Devices

Back Button SMP04_15 Datasheet HTML 4Page - Analog Devices SMP04_15 Datasheet HTML 5Page - Analog Devices SMP04_15 Datasheet HTML 6Page - Analog Devices SMP04_15 Datasheet HTML 7Page - Analog Devices SMP04_15 Datasheet HTML 8Page - Analog Devices SMP04_15 Datasheet HTML 9Page - Analog Devices SMP04_15 Datasheet HTML 10Page - Analog Devices SMP04_15 Datasheet HTML 11Page - Analog Devices SMP04_15 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
–8–
SMP04
REV. D
Optimizing Dynamic Performance of the SMP04
Various operating parameters such as input voltage amplitude,
sampling pulsewidth and, as mentioned before, supply bypass-
ing and grounding all have an effect on the signal-to-noise ratio.
Table I shows the SNR versus input level for the SMP04.
Distortion of the SMP04 is reduced by increasing the supply
voltage. This has the effect of increasing the positive slew rate.
Table II shows data taken at 12.3 kHz sample rate and 2 kHz
input frequency. Total harmonic distortion is dominated by the
second and third harmonics.
FREQUENCY DOMAIN PERFORMANCE
The SMP04 has been characterized in the frequency domain for
those applications that require capture of dynamic signals. See
Figure 16a for typical 86.1 kHz sample rate and an 8 kHz input
signal. Typically, the SMP04 can sample at rates up to 85 kHz.
In addition to the maximum sample rate, a minimum sample
pulsewidth will also be acceptable for a given design. Our testing
shows a drop in performance as the sample pulsewidth becomes
less than 4
µs.
10 dB/DIV
RANGE 15.0 dBm
6.0 dBm
START 1 000.0 Hz
STOP 100 000.0 Hz
a.
10 dB/DIV
RANGE 15.0 dBm
6.3 dBm
START 1 000.0 Hz
STOP 100 000.0 Hz
b.
Figure 16. Spectral Response at a Sampling Frequency of
86 kHz. Photo (a) Shows a 20 kHz Carrier Frequency and
Photo (b) Shows an 8 kHz Frequency.
Table III shows the effect of sampling pulsewidth on the SNR of
the SMP04. The recommended operating pulsewidth should be
a minimum of 5
µs to achieve a good balance between acqui-
sition time and SNR for the 1.4 V p-p signal shown. For larger
swings the pulsewidth will need to be larger to account for
the time required for the signal to slew the additional voltage.
This could be used as a method of measuring acquisition
time indirectly.
Table I. SNR vs. VIN
Input
Voltage
SNR
(V p-p)
(dB)
1
–61
2
–53
3
–50
4
–47
5
–45
6
–44
Conditions: VS = ± 6 V, fS = 14.4 kHz,
fIN = 1.8 kHz, tPW = 10 µs.
Table II. SNR vs. Supply Voltage
Supply
Voltage
2nd
3rd
(V)
(dB)
(dB)
10
–49
–62
12
–55
–71
14
–60
–80
15
–62
<–80
16
–63
<–83
17
–65
<–85
Table III. SNR vs. Sample Pulsewidth
Sample
Pulsewidth
SNR
( s)
(dB)
1
–37
2
–44
3
–50
4
–54
5
–54.9
6
–55
7
–55.3
Conditions: VS = ± 6 V, VIN = 1.4 V p-p,
fS = 14.4 kHz, fIN = 1.8 kHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com