Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMP04 Datasheet(PDF) 10 Page - Analog Devices

Part # SMP04
Description  CMOS Quad Sample and Hold Amplifier
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SMP04 Datasheet(HTML) 10 Page - Analog Devices

Back Button SMP04_15 Datasheet HTML 6Page - Analog Devices SMP04_15 Datasheet HTML 7Page - Analog Devices SMP04_15 Datasheet HTML 8Page - Analog Devices SMP04_15 Datasheet HTML 9Page - Analog Devices SMP04_15 Datasheet HTML 10Page - Analog Devices SMP04_15 Datasheet HTML 11Page - Analog Devices SMP04_15 Datasheet HTML 12Page - Analog Devices SMP04_15 Datasheet HTML 13Page - Analog Devices SMP04_15 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
–10–
SMP04
REV. D
APPLICATIONS
MULTIPLEXED QUAD DAC (Figure 20)
The SMP04 can be used to demultiplex a single DAC converter’s
output into four separate analog outputs. The circuit is greatly
simplified by using a voltage output DAC such as the DAC8228.
To minimize output voltage perturbation, 5
µs should be allowed
to settle to its final voltage before a sample signal is asserted.
Each sample-and-hold amplifier must be refreshed every second
or less in order to assure the droop does not exceed 10 mV or
1/2 LSB.
CHANNEL
DECODE
VSS
VOUT1
VOUT2
VOUT3
VOUT4
DGND
VSS
VSS
VSS
SMP04
1 F
+12V
REF02
+12V
0.1 F
1/2 DAC8228
VZ
+5V
GND
VDD
VREF
VO
DIGITAL
INPUTS
ADDRESS
INPUTS
S/H1
S/H2
S/H3
S/H4
+12V
5V TO 10V
WR
CS
+
Figure 20. Multiplexed Quad DAC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com