Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPC8112T Datasheet(PDF) 1 Page - NEC

Part # UPC8112T
Description  SILICON MMIC 1st FREQUENCY DOWN-CONVERTER FOR CELLULAR/CORDLESS TELEPHONE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC8112T Datasheet(HTML) 1 Page - NEC

  UPC8112T Datasheet HTML 1Page - NEC UPC8112T Datasheet HTML 2Page - NEC UPC8112T Datasheet HTML 3Page - NEC UPC8112T Datasheet HTML 4Page - NEC UPC8112T Datasheet HTML 5Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all devices/types available in every country. Please check with local NEC representative for
availability and additional information.
BIPOLAR ANALOG INTEGRATED CIRCUIT
µµµµPC8112TB
SILICON MMIC 1st FREQUENCY DOWN-CONVERTER
FOR CELLULAR/CORDLESS TELEPHONE
©
1997, 2000
Document No. P12808EJ2V0DS00 (2nd edition)
Date Published June 2000 N CP(K)
Printed in Japan
DATA SHEET
The mark
shows major revised points.
DESCRIPTION
The
µPC8112TB is a silicon monolithic integrated circuit designed as 1st frequency down-converter for
cellular/cordless telephone receiver stage. This IC consists of mixer and local amplifier. The
µPC8112TB features
high impedance output of open collector. Similar ICs of the
µPC2757TB and µPC2758TB feature low impedance
output of emitter follower. These TB suffix ICs which are smaller package than conventional T suffix ICs contribute to
reduce your system size.
The
µPC8112TB is manufactured using NEC’s 20 GHz fT NESAT™III silicon bipolar process. This process uses
silicon nitride passivation film and gold electrodes. These materials can protect chip surface from external pollution
and prevent corrosion/migration. Thus, this IC has excellent performance, uniformity and reliability.
FEATURES
•
Excellent RF performance
: IIP3 = –7 dBm@fRFin = 1.9 GHz (reference)
IM3 = –88 dBc@PRFin = –38 dBm, 1.9 GHz (reference)
•
Similar conversion gain to
µPC2757 and lower noise figure than µPC2758
•
Minimized carrier leakage
: RFIo = –80 dB@fRFin = 900 MHz (reference)
RFIo = –55 dB@fRFin = 1.9 GHz (reference)
•
High linearity
: PO (sat) = –2.5 dBm TYP.@fRFin = 900 MHz
PO (sat) = –3 dBm TYP.@fRFin = 1.9 GHz
•
Low current consumption
: ICC = 8.5 mA TYP.
•
Supply voltage
: VCC = 2.7 to 3.3 V
•
High-density surface mounting : 6-pin super minimold package
APPLICATIONS
•
1.5 GHz to 1.9 GHz cellular/cordless telephone (PHS, DECT, PDC1.5G and so on)
•
800 MHz to 900 MHz cellular telephone (PDC800M and so on)
ORDER INFORMATION
Part Number
Package
Markings
Supplying Form
µPC8112TB-E3
6-pin super minimold
C2K
Embossed tape 8 mm wide.
Pin 1, 2, 3 face the tape perforation side.
Qty 3kpcs/reel.
Remark
To order evaluation samples, please contact your local NEC sales office.
(Part number for sample order:
µPC8112TB)
Caution Electro-static sensitive devices


Similar Part No. - UPC8112T

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
UPC8112TB CEL-UPC8112TB Datasheet
173Kb / 5P
3 V SILICON MMIC L-BAND FREQUENCY DOWN CONVERTER
logo
Renesas Technology Corp
UPC8112TB RENESAS-UPC8112TB Datasheet
273Kb / 22P
BIPOLAR ANALOG INTEGRATED CIRCUIT
2000
UPC8112TB-E3 RENESAS-UPC8112TB-E3 Datasheet
273Kb / 22P
BIPOLAR ANALOG INTEGRATED CIRCUIT
2000
logo
California Eastern Labs
UPC8112TB-E3-A CEL-UPC8112TB-E3-A Datasheet
173Kb / 5P
3 V SILICON MMIC L-BAND FREQUENCY DOWN CONVERTER
More results

Similar Description - UPC8112T

ManufacturerPart #DatasheetDescription
logo
NEC
UPC2757TB NEC-UPC2757TB Datasheet
123Kb / 6P
SILICON MMIC 1st FREQUENCY DOWN-CONVERTER FOR CELLULAR/CORDLESS TELEPHONE
UPC8106TB NEC-UPC8106TB Datasheet
185Kb / 24P
SILICON MMIC 2.0 GHz FREQUENCY UP-CONVERTER FOR CELLULAR/CORDLESS TELEPHONES
UPC8119T NEC-UPC8119T Datasheet
550Kb / 52P
VARIABLE GAIN AMPLIFIER SILICON MMIC FOR TRANSMITTER AGC OF DIGITAL CELLULAR TELEPHONE
UPC8128TA NEC-UPC8128TA Datasheet
138Kb / 16P
SILICON MMIC LOW CURRENT AMPLIFIERS FOR CELLULAR/CORDLESS TELEPHONES
UPC8163TB NEC-UPC8163TB Datasheet
133Kb / 16P
SILICON MMIC 2.0 GHz FREQUENCY UP-CONVERTER FOR CELLULAR TELEPHONE
logo
Toshiba Semiconductor
TB31213FN TOSHIBA-TB31213FN Datasheet
628Kb / 18P
PLL FREQUENCY SYNTHESIZER FOR CORDLESS TELEPHONE
TB31214FN TOSHIBA-TB31214FN Datasheet
631Kb / 18P
PLL FREQUENCY SYNTHESIZER FOR CORDLESS TELEPHONE
27-Jun-2001
TLP797GA TOSHIBA-TLP797GA_07 Datasheet
130Kb / 5P
Cordless Telephone
TLP597G TOSHIBA-TLP597G_07 Datasheet
183Kb / 6P
Cordless Telephone
logo
NEC
UPC8128TB NEC-UPC8128TB Datasheet
287Kb / 52P
SILICON MMIC LOW CURRENT AMPLIFIERS FOR CELLULAR/CORDLESS TELEPHONES
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com