Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPC2763T Datasheet(PDF) 1 Page - NEC

Part # UPC2763T
Description  3 V, 2.9 GHz SILICON MMIC MEDIUM OUTPUT POWER AMPLIFIER FOR MOBILE COMMUNICATIONS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC2763T Datasheet(HTML) 1 Page - NEC

  UPC2763T Datasheet HTML 1Page - NEC UPC2763T Datasheet HTML 2Page - NEC UPC2763T Datasheet HTML 3Page - NEC UPC2763T Datasheet HTML 4Page - NEC UPC2763T Datasheet HTML 5Page - NEC UPC2763T Datasheet HTML 6Page - NEC UPC2763T Datasheet HTML 7Page - NEC UPC2763T Datasheet HTML 8Page - NEC UPC2763T Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
BIPOLAR ANALOG INTEGRATED CIRCUIT
µPC8182TB
3 V, 2.9 GHz SILICON MMIC
MEDIUM OUTPUT POWER AMPLIFIER
FOR MOBILE COMMUNICATIONS
DESCRIPTION
The
µPC8182TB is a silicon monolithic integrated circuit designed as amplifier for mobile communications. This IC
operates at 3 V. The medium output power is suitable for RF-TX of mobile communications system.
This IC is manufactured using our 30 GHz fmax UHS0 (Ultra High Speed Process) silicon bipolar process. This
process uses direct silicon nitride passivation film and gold electrodes. These materials can protect the chip surface
from pollution and prevent corrosion/migration. Thus, this IC has excellent performance, uniformity and reliability.
FEATURES
• Supply voltage: VCC = 2.7 to 3.3 V
• Circuit current: ICC = 30 mA TYP. @ VCC = 3.0 V
• Medium output power: PO (1dB) = +9.5 dBm TYP. @ f = 0.9 GHz
PO (1dB) = +9.0 dBm TYP. @ f = 1.9 GHz
PO (1dB) = +8.0 dBm TYP. @ f = 2.4 GHz
• Power gain: GP = 21.5 dB TYP. @ f = 0.9 GHz
GP = 20.5 dB TYP. @ f = 1.9 GHz
GP = 20.5 dB TYP. @ f = 2.4 GHz
• Upper limit operating frequency: fu = 2.9 GHz TYP. @ 3 dB bandwidth
• High-density surface mounting: 6-pin super minimold package (2.0
× 1.25 × 0.9 mm)
APPLICAION
• Buffer amplifiers on 1.9 to 2.4 GHz mobile communications system
ORDERING INFORMATION (Solder Contains Lead)
Part Number
Package
Marking
Supplying Form
µ PC8182TB-E3
6-pin super minimold
C3F
• Embossed tape 8 mm wide
• Pin 1, 2, 3 face the perforation side of the tape
• Qty 3 kpcs/reel
Remark To order evaluation samples, contact you’re nearby sales office. Part number for sample order:
µPC8182TB
ORDERING INFORMATION (Pb-Free)
Part Number
Package
Marking
Supplying Form
µ PC8182TB-E3-AZ*
6-pin super minimold
C3F
• Embossed tape 8 mm wide
• Pin 1, 2, 3 face the perforation side of the tape
• Qty 3 kpcs/reel
*NOTE: Please refer to the last page of this data sheet, “Compliance with EU Directives” for Pb-Free RoHS
Compliance Information.
Document No. PU10206EJ01V0DS (1st edition)
(Previous No. P14543EJ2V0DS00)
Date Published December 2002 CP (K)
© NEC Compound Semiconductor Devices 1999,
2002


Similar Part No. - UPC2763T

ManufacturerPart #DatasheetDescription
logo
NEC
UPC2763T NEC-UPC2763T Datasheet
144Kb / 6P
3 V, WIDEBAND MEDIUM POWER SI MMIC AMPLIFIER
logo
Renesas Technology Corp
UPC2763T RENESAS-UPC2763T Datasheet
395Kb / 30P
BIPOLAR ANALOG INTEGRATED CIRCUITS
2001
UPC2763T RENESAS-UPC2763T Datasheet
332Kb / 18P
BIPOLAR ANALOG INTEGRATED CIRCUIT
2001
UPC2763T RENESAS-UPC2763T Datasheet
327Kb / 19P
BIPOLAR ANALOG INTEGRATED CIRCUIT
2002
logo
NEC
UPC2763T-E3 NEC-UPC2763T-E3 Datasheet
144Kb / 6P
3 V, WIDEBAND MEDIUM POWER SI MMIC AMPLIFIER
More results

Similar Description - UPC2763T

ManufacturerPart #DatasheetDescription
logo
NEC
UPC2745TB NEC-UPC2745TB Datasheet
381Kb / 20P
3 V, SUPER MINIMOLD SILICON MMIC WIDEBAND AMPLIFIER FOR MOBILE COMMUNICATIONS
UPC2749TB NEC-UPC2749TB Datasheet
92Kb / 16P
3 V, SUPER MINIMOLD SILICON MMIC WIDEBAND AMPLIFIER FOR MOBILE COMMUNICATIONS
UPC2762TB NEC-UPC2762TB Datasheet
171Kb / 28P
3 V, SUPER MINIMOLD SILICON MMIC MEDIUM OUTPUT POWER AMPLIFIER FOR MOBILE COMMUNICATIONS
logo
California Eastern Labs
UPC8181TB CEL-UPC8181TB Datasheet
285Kb / 8P
3 V, SILICON MMIC MEDIUM OUTPUT POWER AMPLIFIER FOR MOBILE COMMUNICATIONS
logo
NEC
UPC2762TB NEC-UPC2762TB_1 Datasheet
240Kb / 28P
3 V, SUPER MINIMOLD SILICON MMIC MEDIUM OUTPUT POWER AMPLIFIER FOR MOBILE COMMUNICATIONS
UPC8181TB NEC-UPC8181TB Datasheet
154Kb / 16P
3 V, SILICON MMIC MEDIUM OUTPUT POWER AMPLIFIER FOR MOBILE COMMUNICATIONS
UPC8182TB NEC-UPC8182TB_1 Datasheet
103Kb / 17P
3 V, 2.9 GHz SILICON MMIC MEDIUM OUTPUT POWER AMPLIFIER FOR MOBILE COMMUNICATIONS
logo
California Eastern Labs
UPC2747TB_V1 CEL-UPC2747TB_V1 Datasheet
1Mb / 17P
3 V, SUPER MINIMOLD SILICON MMIC AMPLIFIER FOR MOBILE COMMUNICATIONS
logo
Renesas Technology Corp
PC2745TB RENESAS-PC2745TB_15 Datasheet
426Kb / 21P
3 V, SUPER MINIMOLD SILICON MMIC WIDEBAND AMPLIFIER FOR MOBILE COMMUNICATIONS
PC2747TB RENESAS-PC2747TB_15 Datasheet
243Kb / 21P
3 V, SUPER MINIMOLD SILICON MMIC AMPLIFIER FOR MOBILE COMMUNICATIONS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com