Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPC8158K Datasheet(PDF) 19 Page - NEC

Part # UPC8158K
Description  Single Chip Transceiver Silicon MMIC for PHS
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC8158K Datasheet(HTML) 19 Page - NEC

Back Button UPC8158K Datasheet HTML 12Page - NEC UPC8158K Datasheet HTML 13Page - NEC UPC8158K Datasheet HTML 14Page - NEC UPC8158K Datasheet HTML 15Page - NEC UPC8158K Datasheet HTML 16Page - NEC UPC8158K Datasheet HTML 17Page - NEC UPC8158K Datasheet HTML 18Page - NEC UPC8158K Datasheet HTML 19Page - NEC UPC8158K Datasheet HTML 20Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 19 / 20 page
background image
Preliminary Data Sheet
19
µµµµPC8139GR-7JH
CAUTIONS ON USE
1.
Observe precautions for handling because this IC is an electrostatic sensitive device.
2.
Form as wide a ground pattern as possible to minimize its impedance.
3.
Keep the track length of the ground pins as short as possible (to prevent malfunction).
4.
Connect a bypass capacitor to the Vcc pin.
RECOMMENDED SOLDERING CONDITIONS
This product should be soldered in the following recommended conditions.
For soldering methods and conditions other than the recommended conditions, consult an NEC sales
representative.
µµµµPC8139GR-7JH
Soldering Method
Soldering Conditions
Symbol
Infrared reflow
Package peak temperature: 235°C.
Duration: 30 sec. max. (210°C or above)
Number of times: 2, Exposure limit: None
Note
IR35-00-2
VPS
Package peak temperature: 215°C.
Duration: 40 sec. max. (200°C or above)
Number of times: 2, Exposure limit: None
Note
VP15-00-2
Wave soldering
Soldering bath temperature : 260°C max.
Duration: 10 sec. max.
Number of times: 1, Exposure limit: None
Note
WS60-00-1
Partial heating method
Pin temperature: 300°C max.
Duration: 3 sec. max. (per side of device)
Exposure limit: None
Note
Note Storage period (days) after opening the dry pack. Storage conditions: 25°C and 65% RH or less
(This product is not dry packed.)
Caution
Do not use different soldering methods together (except for pin partial heating.)
For details of recommended soldering conditions, refer to the information document Semiconductor Device
Mounting Technology Manual (C10535E)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com