Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPC8158K Datasheet(PDF) 2 Page - NEC

Part # UPC8158K
Description  Single Chip Transceiver Silicon MMIC for PHS
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC8158K Datasheet(HTML) 2 Page - NEC

  UPC8158K Datasheet HTML 1Page - NEC UPC8158K Datasheet HTML 2Page - NEC UPC8158K Datasheet HTML 3Page - NEC UPC8158K Datasheet HTML 4Page - NEC UPC8158K Datasheet HTML 5Page - NEC UPC8158K Datasheet HTML 6Page - NEC UPC8158K Datasheet HTML 7Page - NEC UPC8158K Datasheet HTML 8Page - NEC UPC8158K Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
Preliminary Data Sheet
2
µµµµPC8139GR-7JH
SYSTEM APPLICATION EXAMPLE
[PHS]
To DEMOD.
RSSI OUT
RSSI
233.15 MHz
or
259.25 MHz
10.8 MHz
2nd LO
PLL2
LPF
BPF
PA
PLL1
2SC5006
1st LO
SW
SW
MAIN ANT
90˚
AGC
0˚
2nd MIX
BPF
243.95 MHz
or
248.45 MHz
1651.2 to 1674.0 MHz
or
1646.7 to 1669.5 MHz
1895.15 to 1917.95 MHz
or
(1906.55±11.4 MHz)
1662.0 to 1684.8 MHz
or
1635.9 to 1658.7 MHz
SAW
1st MIX
LNA
ATT
BPF
I
Q
(CR)
φ
PC8139GR-7JH
µ
PC8112
µ
QUADRATURE MODULATOR IC SERIES PRODUCT LIST
Part Number
Function
ICC
(mA)
fLO1in
(MHz)
fMODout
(MHz)
Up
Converter
fRFout (MHz)
Phase
Shifter
Type
Application
Field
Package
µPC8101GR
150-MHz quadrature
modulator
15
/@2.7 V
100 to
300
50 to
150
External
F/F
CT-2, etc.
µPC8104GR
RF up converter + IF
quadrature modulator
28
/@3.0 V
100 to 400
900 to 1900
Multiplier
+ F/F
Various
digital
communica-
tions
20 pin
SSOP
(225 mil)
µPC8105GR
400-MHz quadrature
modulator
16
/@3.0 V
100 to 400
External
Multiplier
+ F/F
Various
digital
communica-
tions
16 pin
SSOP
(225 mil)
µPC8110GR
1-GHz direct
quadrature modulator
24
/@3.0 V
800 to 1000
Direct
modulation
Multiplier
+ F/F
PDC800
MHz, etc.
µPC8125GR
On-chip AGC function
RF up converter + IF
quadrature modulator
36
/@3.0 V
220 to 270
1800 to
2000
Multiplier
+ F/F
PHS
20 pin
SSOP
(225 mil)
µPC8126GR
µPC8126K
On-chip local PreMIX
1-GHz direct
quadrature modulator
35
/@3.0 V
915 to 960
Direct
modulation
Multiplier
+ F/F
PDC800
MHz, etc.
28 pin
QFN
µPC8129GR
LO
× 2 frequency
input type IF
quadrature modulator
+ RF up converter
28
/@3.0V
200 to
800
100 to
400
800 to 1900
F/F
GSM,
DCS1800,
etc.
20 pin
SSOP
(225 mil)
µPC8158K
On-chip AGC function
RF up converter + IF
quadrature modulator
28
/@3.0 V
100 to 300
800 to 1500
CR
PDC800
M/1.5 G
28 pin
QFN
For an outline of the quadrature modulator IC series, see the application note “Usage of
µPC8101, 8104, 8105, 8125,
and 8129” (document number P13251E).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com