Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM5000RT3UTAA Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # SM5000RT3UTAA
Description  TAA-Compliant SmartPro 208-120V 5kVA 4kW Line-Interactive Sine Wave UPS, Extended Run,SNMP, Webcard, 6U Rack-Tower, USB, DB9 Serial
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

SM5000RT3UTAA Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  SM5000RT3UTAA Datasheet HTML 1Page - Tripp Lite. All Rights Reserved SM5000RT3UTAA Datasheet HTML 2Page - Tripp Lite. All Rights Reserved SM5000RT3UTAA Datasheet HTML 3Page - Tripp Lite. All Rights Reserved SM5000RT3UTAA Datasheet HTML 4Page - Tripp Lite. All Rights Reserved SM5000RT3UTAA Datasheet HTML 5Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
TAA-Compliant SmartPro 208/120V 5kVA 4kW
Line-Interactive Sine Wave UPS, Extended Run,
SNMP, Webcard, 6U Rack/Tower, USB, DB9 Serial
MODEL NUMBER: SM5000RT3UTAA
Description
Tripp Lite's line-interactive SM5000RT3UTAA UPS System is compliant with the Federal Trade Agreements Act
(TAA) for GSA Schedule purchases. This UPS protects server, networking or telecommunications equipment
from blackouts, voltage fluctuations and surges in a compact tower/rackmount housing. In rack configuration, the
power module and battery pack occupy only 3 rack spaces (3U) each. Large capacity 5000VA/4000W power
module converts raw 208V AC input to fully regulated dual output 208/120 voltage for simultaneous protection of
both high- and low-voltage equipment loads. True sine wave output at all times offers guaranteed compatibility
with all equipment types. Includes 14 outlets, 8 of which can be individually reset via software interface to
selectively reboot remote equipment or shed less critical loads to extend battery runtime for more critical equipment. Battery support can be extended
indefinitely with additional external 3U rackmount battery packs. Includes slot for internal SNMP/web card, plus two DB9 and two USB enhanced monitoring
ports for unattended shutdown, remote control and monitoring of UPS system and power data.
Features
Compliant with the Federal Trade Agreements Act (TAA) for GSA Schedule purchases
Large 5000VA/4000W output capacity with full-time sine wave output offers guaranteed compatibility with all equipment types
High power density 5kVA power module and battery pack occupy only 3 rack spaces (3U) each (UPS and battery pack require 6U total installed)
38 min. half load runtime, expandable with multiple external battery packs (part# BP48V60RT3U)
Line-interactive voltage regulation corrects severe brownouts and overvoltages without using battery power
Dual voltage output is simultaneously compatible with both 208V and 120V equipment
14 total outlets (120V: 10 x 5-15R, 2 x 5-20R/208V: 1 x L6-30R, 1 x L14-30R)
Diagnostic LEDs provide visual indication of 17 separate performance conditions
Included PowerAlert Software provides e-mail notification of power problems and simultaneous automatic unattended shutdown of multiple servers
4 built-in communications ports (2 x DB9, 2 x USB) for remote monitoring and unattended shutdown
Slot for SNMP/web card (part# SNMPWEBCARD) and environmental sensor (part# ENVIROSENSE) for remote communications in large IP environments
8 customized load management receptacles can be individually powered off and back on again via software interface to reboot remote equipment or
Highlights
Federal Trade Agreements Act /
TAA Compliant for GSA
Schedule purchases
5kVA / 5000VA / 4000W line
interactive 6U rack/tower UPS,
Sine wave output
208 & 120V output during
brownouts to 151V and
overvoltages to 260V
USB, Serial, EPO & optional
SNMP/Web card monitoring
options
Expandable runtime, 8
single-outlet switched output load
banks
NEMA L6-30P input, 10 5-15R, 2
5-15/20R, 1 L6-30R & 1 L14-30R
outlets
Package Includes
SM5000RT3UTAA UPS System
BP48V60RT3U battery pack
PowerAlert Software and cabling
Mounting hardware
Instruction manual with warranty
information
1 / 5


Similar Part No. - SM5000RT3UTAA

ManufacturerPart #DatasheetDescription
logo
Datatronic Distribution...
SM500-1 DATATRONICS-SM500-1 Datasheet
98Kb / 1P
ADSL POTS SPLITTER INDUCTORS
SM500-10 DATATRONICS-SM500-10 Datasheet
98Kb / 1P
ADSL POTS SPLITTER INDUCTORS
SM500-11 DATATRONICS-SM500-11 Datasheet
98Kb / 1P
ADSL POTS SPLITTER INDUCTORS
SM500-12 DATATRONICS-SM500-12 Datasheet
98Kb / 1P
ADSL POTS SPLITTER INDUCTORS
SM500-13 DATATRONICS-SM500-13 Datasheet
98Kb / 1P
ADSL POTS SPLITTER INDUCTORS
More results

Similar Description - SM5000RT3UTAA

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
SM1500RMXL2UTAA TRIPPLITE-SM1500RMXL2UTAA Datasheet
509Kb / 5P
TAA-Compliant SmartPro 120V 1.5kVA 1.35kW Line-Interactive Sine Wave UPS, Extended Run, SNMP, Webcard, 2U Rack-Tower, LCD, USB, DB9 Serial
SM2200RMXL2UTAA TRIPPLITE-SM2200RMXL2UTAA Datasheet
506Kb / 5P
TAA-Compliant SmartPro 120V 2.2kVA 1920W Line-Interactive Sine Wave UPS, Extended Run,SNMP, Webcard, 2U Rack-Tower, LCD, USB, DB9 Serial
SM3000RM2UTAA TRIPPLITE-SM3000RM2UTAA Datasheet
511Kb / 5P
TAA-Compliant SmartPro 120V 3kVA 2.25kW Line-Interactive Sine Wave UPS, Extended Run,SNMP, Webcard, 2U Rack-Tower, LCD, USB, DB9 Serial
SMART2200SLTAA TRIPPLITE-SMART2200SLTAA Datasheet
506Kb / 5P
TAA-Compliant SmartPro 120V 2.2kVA 1.6kW Line-Interactive Sine Wave UPS, Tower, SNMP,Webcard, USB, DB9 Serial
SMART2600RM2U TRIPPLITE-SMART2600RM2U_15 Datasheet
505Kb / 5P
SmartPro 120V 2.6kVA 1.92kW Line-Interactive Sine Wave UPS, Extended Run, SNMP, Webcard, 2U Rack/Tower, USB, DB9 Serial
SMART3000VSTAA TRIPPLITE-SMART3000VSTAA Datasheet
530Kb / 5P
TAA-Compliant SmartPro 120V 3kVA 2.25kW Line-Interactive UPS, Extended Run, SNMP,Webcard, Tower, 120V, USB, DB9 Serial
SMART5000RT3U TRIPPLITE-SMART5000RT3U_15 Datasheet
518Kb / 5P
SmartPro 208-120V 5kVA 4kW Line-Interactive Sine Wave UPS, Extended Run, SNMP, Webcard, 6U Rack-Tower, USB, DB9 Serial
SMART5000TEL3U TRIPPLITE-SMART5000TEL3U_15 Datasheet
517Kb / 5P
SmartPro 208-120V 5kVA 3.75kW Line-Interactive Sine Wave UPS, SNMP, Webcard, 3U Rack-Tower,USB, DB9 Serial
SMART5000XFMRXL TRIPPLITE-SMART5000XFMRXL Datasheet
520Kb / 5P
SmartPro 208-120V 5kVA 3.75kW Line-Interactive Sine Wave UPS, Extended Run, SNMP, Webcard, 3U Rack/Tower, USB, DB9 Serial
SMX5000XLRT3U TRIPPLITE-SMX5000XLRT3U Datasheet
508Kb / 5P
SmartPro 230V 5kVA 3.75kW Line-Interactive Sine Wave UPS, Extended Run, SNMP, Webcard, 3U Rack-Tower, USB, DB9 Serial
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com