Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM5000RT3UTAA Datasheet(PDF) 2 Page - Tripp Lite. All Rights Reserved

Part # SM5000RT3UTAA
Description  TAA-Compliant SmartPro 208-120V 5kVA 4kW Line-Interactive Sine Wave UPS, Extended Run,SNMP, Webcard, 6U Rack-Tower, USB, DB9 Serial
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

SM5000RT3UTAA Datasheet(HTML) 2 Page - Tripp Lite. All Rights Reserved

  SM5000RT3UTAA Datasheet HTML 1Page - Tripp Lite. All Rights Reserved SM5000RT3UTAA Datasheet HTML 2Page - Tripp Lite. All Rights Reserved SM5000RT3UTAA Datasheet HTML 3Page - Tripp Lite. All Rights Reserved SM5000RT3UTAA Datasheet HTML 4Page - Tripp Lite. All Rights Reserved SM5000RT3UTAA Datasheet HTML 5Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
perform "load shedding" of less critical loads to extend battery runtime for the most critical equipment
Emergency Power Off (EPO) interface for emergency shutoff in large facilities
Hot-swappable/user replaceable batteries allow on-site battery replacement through the front panel without powering off connected equipment or
removing the UPS from the rack
UPS battery set ships fully assembled and ready for connection to the power module, no time consuming, connection of individual internal batteries by
user is necessary
$250,000 Ultimate Lifetime Insurance (U.S., Canada, and Puerto Rico only)
NAFTA compliant
Specifications
OUTPUT
Output Volt Amp Capacity (VA)
5000
Output kVA Capacity (kVA)
5
Output Watt Capacity (Watts)
4000
Output kW Capacity (kW)
4
Power Factor
0.8
Nominal Output Voltage(s)
Supported
120V; 208V
Frequency Compatibility
60 Hz
Output Voltage Regulation (Line
Mode)
208 & 120V (-10%, +20%)
Output Voltage Regulation (Battery
Mode)
+/- 5%
Output Receptacles
(10) 5-15R; (2) 5-15/20R; (1) L14-30R; (1) L6-30R
Load Management Receptacles
Eight switchable single-outlet 5-15R load banks
Output Circuit Breakers
15A branch rated (x3) - 2 breakers support 5 5-15R outlets each, one breaker supports 2 5-20R outlets, L6-30R and
L14-30R outlets are unbreakered
Output AC Waveform (AC Mode)
Sine wave
Output AC Waveform (Battery Mode)
Pure Sine wave
INPUT
Nominal Input Voltage(s) Supported
208V AC
UPS Input Connection Type
L6-30P
Input Circuit Breakers
30A double-pole
UPS Input Cord Length (ft.)
10
UPS Input Cord Length (m)
3
Recommended Electrical Service
30A 208V
Input Cord Length (ft.)
10
2 / 5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com