Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRF7301 Datasheet(PDF) 4 Page - International Rectifier

Part # IRF7301
Description  Power MOSFET(Vdss=20V, Rds(on)=0.050ohm)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF7301 Datasheet(HTML) 4 Page - International Rectifier

  IRF7301 Datasheet HTML 1Page - International Rectifier IRF7301 Datasheet HTML 2Page - International Rectifier IRF7301 Datasheet HTML 3Page - International Rectifier IRF7301 Datasheet HTML 4Page - International Rectifier IRF7301 Datasheet HTML 5Page - International Rectifier IRF7301 Datasheet HTML 6Page - International Rectifier IRF7301 Datasheet HTML 7Page - International Rectifier IRF7301 Datasheet HTML 8Page - International Rectifier IRF7301 Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
IRF7301
Fig 7. Typical Source-Drain Diode
Forward Voltage
Fig 8. Maximum Safe Operating Area
Fig 5. Typical Capacitance Vs.
Drain-to-Source Voltage
Fig 6. Typical Gate Charge Vs.
Gate-to-Source Voltage
0
300
600
900
1200
1
1 0
100
DS
V
, Drai n-to -So urce V oltag e (V)
A
V
= 0V,
f = 1M H z
C
= C
+ C
, C
SH O R TED
C
= C
C
= C
+ C
GS
iss
gs
gd
ds
rss
gd
oss
ds
gd
C iss
C os s
C rss
0
2
4
6
8
10
0
5
10
15
20
25
Q
, T ota l G ate Ch arge (n C)
G
A
FO R TEST CIRCUIT
SEE FIG UR E 12
I
= 2 .6A
V
= 1 6V
D
DS
0.1
1
10
100
0.0
0.5
1.0
1.5
2.0
2.5
T = 2 5°C
T = 1 50°C
J
J
V
= 0 V
GS
V
, So urce-to-D ra in Vo ltag e (V)
SD
A
1
10
100
0.1
1
10
100
OPERATION IN THIS AREA LIMITED
BY RDS(on)
Single Pulse
T
T
= 150 C
= 25 C
°
°
J
A
V
, Drain-to-Source Voltage (V)
DS
100us
1ms
10ms



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com