Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRF7301 Datasheet(PDF) 1 Page - International Rectifier

Part # IRF7301
Description  Power MOSFET(Vdss=20V, Rds(on)=0.050ohm)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF7301 Datasheet(HTML) 1 Page - International Rectifier

  IRF7301 Datasheet HTML 1Page - International Rectifier IRF7301 Datasheet HTML 2Page - International Rectifier IRF7301 Datasheet HTML 3Page - International Rectifier IRF7301 Datasheet HTML 4Page - International Rectifier IRF7301 Datasheet HTML 5Page - International Rectifier IRF7301 Datasheet HTML 6Page - International Rectifier IRF7301 Datasheet HTML 7Page - International Rectifier IRF7301 Datasheet HTML 8Page - International Rectifier IRF7301 Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
HEXFET® Power MOSFET
PD - 9.1238C
8/25/97
l Generation V Technology
l Ultra Low On-Resistance
l Dual N-Channel Mosfet
l Surface Mount
l Available in Tape & Reel
l Dynamic dv/dt Rating
l Fast Switching
Description
Fifth Generation HEXFETs from International Rectifier utilize advanced processing
techniques to achieve the lowest possible on-resistance per silicon area. This
benefit, combined with the fast switching speed and ruggedized device design that
HEXFET Power MOSFETs are well known for, provides the designer with an
extremely efficient device for use in a wide variety of applications.
The SO-8 has been modified through a customized leadframe for enhanced
thermal characteristics and multiple-die capability making it ideal in a variety of
power applications. With these improvements, multiple devices can be used in
an application with dramatically reduced board space. The package is designed
for vapor phase, infra red, or wave soldering techniques. Power dissipation of
greater than 0.8W is possible in a typical PCB mount application.
IRF7301
SO-8
D1
D1
D2
D2
G1
S2
G2
S1
T o p V iew
8
1
2
3
4
5
6
7
Parameter
Max.
Units
ID @ TA = 25°C
10 Sec. Pulsed Drain Current, VGS @ 4.5V
5.7
ID @ TA = 25°C
Continuous Drain Current, VGS @ 4.5V
5.2
ID @ TA = 70°C
Continuous Drain Current, VGS @ 4.5V
4.1
IDM
Pulsed Drain Current

21
PD @TA = 25°C
Power Dissipation
2.0
W
Linear Derating Factor
0.016
W/°C
VGS
Gate-to-Source Voltage
± 12
V
dv/dt
Peak Diode Recovery dv/dt
‚
5.0
V/ns
TJ,TSTG
Junction and Storage Temperature Range
-55 to + 150
°C
Absolute Maximum Ratings
A
VDSS = 20V
RDS(on) = 0.050Ω
Thermal Resistance Ratings
Parameter
Typ.
Max.
Units
RθJA
Maximum Junction-to-Ambient
„
–––
62.5
°C/W


Similar Part No. - IRF7301

ManufacturerPart #DatasheetDescription
logo
EVER SEMICONDUCTOR CO.,...
IRF7301 EVVOSEMI-IRF7301 Datasheet
409Kb / 7P
MOSFET
Rev:2023A2
logo
International Rectifier
IRF7301PBF IRF-IRF7301PBF Datasheet
237Kb / 9P
HEXFET Power MOSFET
IRF7301PBF IRF-IRF7301PBF_15 Datasheet
243Kb / 9P
GENERATION V TECHNOLOGY
logo
Guangdong Youtai Semico...
IRF7301TR UMW-IRF7301TR Datasheet
461Kb / 7P
Generation V Technology
logo
EVER SEMICONDUCTOR CO.,...
IRF7301TR EVVOSEMI-IRF7301TR Datasheet
409Kb / 7P
MOSFET
Rev:2023A2
More results

Similar Description - IRF7301

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRCZ34 IRF-IRCZ34 Datasheet
130Kb / 6P
Power MOSFET(Vdss=60V, Rds(on)=0.050ohm, Id=30A)
IRF5850 IRF-IRF5850 Datasheet
126Kb / 9P
Power MOSFET(Vdss=-20V, Rds(on)=0.135ohm)
IRF7303 IRF-IRF7303 Datasheet
111Kb / 9P
Power MOSFET(Vdss=30V, Rds(on)=0.050ohm)
IRF7401 IRF-IRF7401 Datasheet
118Kb / 9P
Power MOSFET(Vdss=20V, Rds(on)=0.022ohm)
IRF7504 IRF-IRF7504 Datasheet
115Kb / 8P
Power MOSFET(Vdss=-20V, Rds(on)=0.27ohm)
IRF7530 IRF-IRF7530 Datasheet
83Kb / 8P
Power MOSFET(Vdss=20V, Rds(on)=0.030ohm)
IRF7555 IRF-IRF7555 Datasheet
71Kb / 7P
Power MOSFET(Vdss=-20V, Rds(on)=0.055ohm)
IRF7604 IRF-IRF7604 Datasheet
134Kb / 8P
Power MOSFET(Vdss=-20V, Rds(on)=0.09ohm)
IRF7663 IRF-IRF7663 Datasheet
77Kb / 7P
Power MOSFET(Vdss=-20V, Rds(on)=0.020ohm)
IRF7750 IRF-IRF7750 Datasheet
110Kb / 7P
Power MOSFET(Vdss=-20V, Rds(on)=0.030ohm)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com