Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRF7401 Datasheet(PDF) 4 Page - International Rectifier

Part # IRF7401
Description  Power MOSFET(Vdss=20V, Rds(on)=0.022ohm)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF7401 Datasheet(HTML) 4 Page - International Rectifier

  IRF7401 Datasheet HTML 1Page - International Rectifier IRF7401 Datasheet HTML 2Page - International Rectifier IRF7401 Datasheet HTML 3Page - International Rectifier IRF7401 Datasheet HTML 4Page - International Rectifier IRF7401 Datasheet HTML 5Page - International Rectifier IRF7401 Datasheet HTML 6Page - International Rectifier IRF7401 Datasheet HTML 7Page - International Rectifier IRF7401 Datasheet HTML 8Page - International Rectifier IRF7401 Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
IRF7401
Fig 7. Typical Source-Drain Diode
Forward Voltage
Fig 8. Maximum Safe Operating Area
Fig 5. Typical Capacitance Vs.
Drain-to-Source Voltage
Fig 6. Typical Gate Charge Vs.
Gate-to-Source Voltage
0
500
1000
1500
2000
2500
3000
1
1 0
100
DS
V
, D rain-to-S ourc e V oltage (V )
A
V
= 0 V ,
f = 1M H z
C
= C
+ C
, C
S H O R T E D
C
= C
C
= C
+ C
GS
is s
g s
gd
ds
rss
g d
o s s
d s
g d
C iss
C oss
Crss
0
2
4
6
8
10
0
1 0
2 03 0
4 05 0
Q
, T otal G ate C harge (nC )
G
A
F O R TE S T CIR C U IT
S EE F IGU R E 12
I
= 4 .1 A
V
= 1 6V
D
DS
0.1
1
10
100
0.0
1 .0
2.0
3 .0
4.0
T = 25 °C
T = 15 0°C
J
J
V
= 0 V
GS
V
, S o urc e-to-D rain V o lta ge (V )
SD
A
1
10
100
0.1
1
10
100
OPERATION IN THIS AREA LIMITED
BY RDS(on)
Single Pulse
T
T
= 150 C
= 25 C
°
°
J
A
V
, Drain-to-Source Voltage (V)
DS
100us
1ms
10ms



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com