Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRF7401 Datasheet(PDF) 1 Page - International Rectifier

Part # IRF7401
Description  Power MOSFET(Vdss=20V, Rds(on)=0.022ohm)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF7401 Datasheet(HTML) 1 Page - International Rectifier

  IRF7401 Datasheet HTML 1Page - International Rectifier IRF7401 Datasheet HTML 2Page - International Rectifier IRF7401 Datasheet HTML 3Page - International Rectifier IRF7401 Datasheet HTML 4Page - International Rectifier IRF7401 Datasheet HTML 5Page - International Rectifier IRF7401 Datasheet HTML 6Page - International Rectifier IRF7401 Datasheet HTML 7Page - International Rectifier IRF7401 Datasheet HTML 8Page - International Rectifier IRF7401 Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
HEXFET® Power MOSFET
PD - 9.1244C
l Generation V Technology
l Ultra Low On-Resistance
l N-Channel Mosfet
l Surface Mount
l Available in Tape & Reel
l Dynamic dv/dt Rating
l Fast Switching
Description
Fifth Generation HEXFETs from International Rectifier
utilize advanced processing techniques to achieve the
lowest possible on-resistance per silicon area. This
benefit, combined with the fast switching speed and
ruggedized device design that HEXFET Power
MOSFETs are well known for, provides the designer
with an extremely efficient device for use in a wide
variety of applications.
The SO-8 has been modified through a customized
leadframe for enhanced thermal characteristics and
multiple-die capability making it ideal in a variety of
power applications. With these improvements, multiple
devices can be used in an application with dramatically
reduced board space. The package is designed for
vapor phase, infra red, or wave soldering techniques.
Power dissipation of greater than 0.8W is possible in
a typical PCB mount application.
IRF7401
SO -8
VDSS = 20V
RDS(on) = 0.022Ω
Parameter
Max.
Units
ID @ TA = 25°C
10 Sec. Pulsed Drain Current, VGS @ 4.5V
10
ID @ TA = 25°C
Continuous Drain Current, VGS @ 4.5V
8.7
ID @ TA = 70°C
Continuous Drain Current, VGS @ 4.5V
7.0
IDM
Pulsed Drain Current

35
PD @TA = 25°C
Power Dissipation
2.5
W
Linear Derating Factor
0.02
W/°C
VGS
Gate-to-Source Voltage
± 12
V
dv/dt
Peak Diode Recovery dv/dt
‚
5.0
V/ns
TJ,TSTG
Junction and Storage Temperature Range
-55 to + 150
°C
Absolute Maximum Ratings
A
To p V ie w
8
1
2
3
4
5
6
7
D
D
D
D
G
S
A
S
S
A
02/13/01
Thermal Resistance Ratings
Parameter
Typ.
Max.
Units
RθJA
Maximum Junction-to-Ambient
„
–––
50
°C/W


Similar Part No. - IRF7401

ManufacturerPart #DatasheetDescription
logo
Analog Devices
IRF7401 AD-IRF7401 Datasheet
416Kb / 24P
Thermoelectric Cooler Controller
11/03-Data Sheet Changed from REV. B to REV. C.
IRF7401 AD-IRF7401 Datasheet
279Kb / 22P
Thermoelectric Cooler Controller
REV. D
logo
Guangdong Youtai Semico...
IRF7401 UMW-IRF7401 Datasheet
408Kb / 8P
N-Channel MOSFET
logo
EVER SEMICONDUCTOR CO.,...
IRF7401 EVVOSEMI-IRF7401 Datasheet
402Kb / 8P
N-Channel MOSFET
Rev:2023A2
logo
International Rectifier
IRF7401PBF IRF-IRF7401PBF Datasheet
197Kb / 9P
HEXFET짰 Power MOSFET
More results

Similar Description - IRF7401

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF5850 IRF-IRF5850 Datasheet
126Kb / 9P
Power MOSFET(Vdss=-20V, Rds(on)=0.135ohm)
IRF7504 IRF-IRF7504 Datasheet
115Kb / 8P
Power MOSFET(Vdss=-20V, Rds(on)=0.27ohm)
IRF7530 IRF-IRF7530 Datasheet
83Kb / 8P
Power MOSFET(Vdss=20V, Rds(on)=0.030ohm)
IRF7555 IRF-IRF7555 Datasheet
71Kb / 7P
Power MOSFET(Vdss=-20V, Rds(on)=0.055ohm)
IRF7604 IRF-IRF7604 Datasheet
134Kb / 8P
Power MOSFET(Vdss=-20V, Rds(on)=0.09ohm)
IRF7607 IRF-IRF7607 Datasheet
77Kb / 8P
Power MOSFET(Vdss=20V, Rds(on)=0.030ohm)
IRF7663 IRF-IRF7663 Datasheet
77Kb / 7P
Power MOSFET(Vdss=-20V, Rds(on)=0.020ohm)
IRF7750 IRF-IRF7750 Datasheet
110Kb / 7P
Power MOSFET(Vdss=-20V, Rds(on)=0.030ohm)
IRLZ44N IRF-IRLZ44N Datasheet
369Kb / 8P
Power MOSFET(Vdss=55V, Rds(on)=0.022ohm, Id=47A)
IRLZ44NS IRF-IRLZ44NS Datasheet
178Kb / 10P
Power MOSFET(Vdss=55V, Rds(on)=0.022ohm, Id=47A)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com