Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRF9953 Datasheet(PDF) 3 Page - International Rectifier

Part # IRF9953
Description  Power MOSFET(Vdss=-30V, Rds(on)=0.25ohm)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF9953 Datasheet(HTML) 3 Page - International Rectifier

  IRF9953 Datasheet HTML 1Page - International Rectifier IRF9953 Datasheet HTML 2Page - International Rectifier IRF9953 Datasheet HTML 3Page - International Rectifier IRF9953 Datasheet HTML 4Page - International Rectifier IRF9953 Datasheet HTML 5Page - International Rectifier IRF9953 Datasheet HTML 6Page - International Rectifier IRF9953 Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
IRF9953
Fig 3. Typical Transfer Characteristics
Fig 2. Typical Output Characteristics
Fig 1. Typical Output Characteristics
0.1
1
10
100
0.1
1
1 0
DS
20 µs P U LSE W I DTH
T
= 25 °C
A
-V
, D rain-to-S ou rce V o ltage (V )
J
-3.0 V
VGS
TOP
- 15V
- 10V
- 7.0V
- 5.5V
- 4.5V
- 4.0V
- 3.5V
BOTT OM - 3.0V
0.1
1
10
100
0.1
1
1 0
DS
A
-V
, D rain-to-S ou rce V o ltage (V )
-3 .0V
VGS
TOP
- 15V
- 10V
- 7.0V
- 5.5V
- 4.5V
- 4.0V
- 3.5V
BOTT OM - 3.0V
20 µs P U LSE W I DTH
T
= 15 0°C
J
0.1
1
10
100
3.0
4.0
5.0
6.0
7.0
8.0
T = 25°C
T = 150°C
J
J
GS
A
-V
, Ga te -to -S o u rce V o ltag e (V )
V
= -1 0 V
20µs P U LS E W ID T H
DS
Fig 4. Typical Source-Drain Diode
Forward Voltage
0.1
1
10
100
0.4
0.6
0.8
1.0
1.2
1.4
T = 25 °C
T = 150°C
J
J
V
= 0 V
GS
SD
A
-V
, So urce-to-D ra in V oltag e (V )



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com