Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRF9953 Datasheet(PDF) 1 Page - International Rectifier

Part # IRF9953
Description  Power MOSFET(Vdss=-30V, Rds(on)=0.25ohm)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF9953 Datasheet(HTML) 1 Page - International Rectifier

  IRF9953 Datasheet HTML 1Page - International Rectifier IRF9953 Datasheet HTML 2Page - International Rectifier IRF9953 Datasheet HTML 3Page - International Rectifier IRF9953 Datasheet HTML 4Page - International Rectifier IRF9953 Datasheet HTML 5Page - International Rectifier IRF9953 Datasheet HTML 6Page - International Rectifier IRF9953 Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
PRELIMINARY
HEXFET® Power MOSFET
PD - 9.1560A
Fifth Generation HEXFETs from International Rectifier
utilize advanced processing techniques to achieve
extremely low on-resistance per silicon area. This
benefit, combined with the fast switching speed and
ruggedized device design that HEXFET Power
MOSFETs are well known for, provides the designer
with an extremely efficient and reliable device for use
in a wide variety of applications.
The SO-8 has been modified through a customized
leadframe for enhanced thermal characteristics and
multiple-die capability making it ideal in a variety of
power applications. With these improvements, multiple
devices can be used in an application with dramatically
reduced board space. The package is designed for
vapor phase, infra red, or wave soldering techniques.
8/25/97
SO-8
VDSS = -30V
RDS(on) = 0.25Ω
IRF9953
Description
Recommended upgrade: IRF7306 or IRF7316
Lower profile/smaller equivalent: IRF7506
Symbol
Maximum
Units
Drain-Source Voltage
VDS
-30
Gate-Source Voltage
VGS
± 20
TA = 25°C
-2.3
TA = 70°C
-1.8
Pulsed Drain Current
IDM
-10
Continuous Source Current (Diode Conduction)
IS
1.6
TA = 25°C
2.0
TA = 70°C
1.3
Single Pulse Avalanche Energy
EAS
57
mJ
Avalanche Current
IAR
-1.3
A
Repetitive Avalanche Energy
EAR
0.20
mJ
Peak Diode Recovery dv/dt
ƒ
dv/dt
-5.0
V/ ns
Junction and Storage Temperature Range
TJ, TSTG
-55 to + 150
°C
Thermal Resistance Ratings
Parameter
Symbol
Limit
Units
Maximum Junction-to-Ambient
…
RθJA
62.5
°C/W
Absolute Maximum Ratings ( TA = 25°C Unless Otherwise Noted)
Continuous Drain Current
…
Maximum Power Dissipation
…
A
ID
PD
V
W
D1
D1
D2
D2
G1
S2
G2
S1
T op V iew
8
1
2
3
4
5
6
7
l Generation V Technology
l Ultra Low On-Resistance
l Dual P-Channel MOSFET
l Surface Mount
l Very Low Gate Charge and
Switching Losses
l Fully Avalanche Rated


Similar Part No. - IRF9953

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF9953PBF IRF-IRF9953PBF Datasheet
206Kb / 7P
HEXFET짰 Power MOSFET
IRF9953PBF IRF-IRF9953PBF Datasheet
212Kb / 7P
ULTRA LOW ON RESISTANCE
IRF9953PBF IRF-IRF9953PBF_15 Datasheet
212Kb / 7P
ULTRA LOW ON RESISTANCE
More results

Similar Description - IRF9953

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF5800 IRF-IRF5800 Datasheet
98Kb / 8P
Power MOSFET(Vdss=-30V, Rds(on)=0.085ohm)
IRF7413A IRF-IRF7413A Datasheet
116Kb / 9P
Power MOSFET(Vdss=30V, Rds(on)=0.0135ohm)
IRF7416 IRF-IRF7416 Datasheet
116Kb / 9P
Power MOSFET(Vdss=-30V, Rds(on)=0.02ohm)
IRF7503 IRF-IRF7503 Datasheet
114Kb / 8P
Power MOSFET(Vdss=30V, Rds(on)=0.135ohm)
IRF7603 IRF-IRF7603 Datasheet
113Kb / 8P
Power MOSFET(Vdss=30V, Rds(on)=0.035ohm)
IRF7606 IRF-IRF7606 Datasheet
102Kb / 8P
Power MOSFET(Vdss=-30V, Rds(on)=0.09ohm)
IRF9410 IRF-IRF9410 Datasheet
114Kb / 7P
Power MOSFET(Vdss=30V, Rds(on)=0.030ohm)
IRF9956 IRF-IRF9956 Datasheet
107Kb / 7P
Power MOSFET(Vdss=30V, Rds(on)=0.10ohm)
IRLML2803 IRF-IRLML2803 Datasheet
191Kb / 9P
Power MOSFET(Vdss=30V, Rds(on)=0.25ohm)
SI4435DY IRF-SI4435DY Datasheet
82Kb / 8P
Power MOSFET(Vdss=-30V, Rds(on)=0.020ohm
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com