Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3165 Datasheet(PDF) 13 Page - STMicroelectronics

Part # AN3165
Description  Digital PFC and dual FOC MC integration
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3165 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AN3165 Datasheet HTML 9Page - STMicroelectronics AN3165 Datasheet HTML 10Page - STMicroelectronics AN3165 Datasheet HTML 11Page - STMicroelectronics AN3165 Datasheet HTML 12Page - STMicroelectronics AN3165 Datasheet HTML 13Page - STMicroelectronics AN3165 Datasheet HTML 14Page - STMicroelectronics AN3165 Datasheet HTML 15Page - STMicroelectronics AN3165 Datasheet HTML 16Page - STMicroelectronics AN3165 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 31 page
background image
AN3165
STM32 dual motor field-oriented control
Doc ID 17180 Rev 1
13/31
3
STM32 dual motor field-oriented control
3.1
Overview
The firmware running on the STEVAL-IHM022V1 demonstration board performs dual motor
control operations in simultaneous mode. Up to two motors can be driven in field-oriented
control (FOC), single shunt resistor and in sensorless mode.
To begin with, the dual motor control firmware uses the FOC routines of the STM32 PMSM
library version. 2.0 firmware package and, hence, shares the same principles as when the
motor drive is configured with user parameters.
The software architecture has been extended to treat each motor as an independent
instance, splitting the controls for each one in a completely independent manner.
To emphasize this concept, an embedded UI (LCD TFT 320 x 240 display and 5-position
joystick) allows the user to adjust the motor control parameters in real time during the
motors’ operation.
The following figure shows a typical connection scheme between the STEVAL-IHM022V1
board and two inverter stage boards for performing simultaneous two-motor FOC control.
Note:
For more information, refer to UM0683, UM0686 and UM0688 user manuals(a).
Figure 5.
STM32 dual FOC MC topology
3.2
Dual field-oriented control motor driver strategy
Figure 6
shows the block diagram of the dual motor FOC mechanism.
The phase currents of the main and sub motor are sampled during each FOC cycle. The
strategy adopted for the current sampling and execution of the FOC algorithm is to dedicate
one PWM period to each motor, halving in this way the execution rate of the FOC with
respect to single motor driving.
a.
See Chapter 5: References.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com