Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3165 Datasheet(PDF) 14 Page - STMicroelectronics

Part # AN3165
Description  Digital PFC and dual FOC MC integration
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3165 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button AN3165 Datasheet HTML 10Page - STMicroelectronics AN3165 Datasheet HTML 11Page - STMicroelectronics AN3165 Datasheet HTML 12Page - STMicroelectronics AN3165 Datasheet HTML 13Page - STMicroelectronics AN3165 Datasheet HTML 14Page - STMicroelectronics AN3165 Datasheet HTML 15Page - STMicroelectronics AN3165 Datasheet HTML 16Page - STMicroelectronics AN3165 Datasheet HTML 17Page - STMicroelectronics AN3165 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 31 page
background image
STM32 dual motor field-oriented control
AN3165
14/31
Doc ID 17180 Rev 1
Dual motor driving is possible by way of two advanced PWM timers (TIM1 and TIM8) inside
the high density version of the STM32 microcontroller (STM32F103xC-D-E).
These two timers are kept synchronous using the master/slave feature of each timer
peripheral present in the microcontroller. The timers must be synchronized to ensure that
the current sampling occurs during the proper PWM period.
The single shunt solution implemented with the ST patented method expects two ADC
conversions for each motor to sample the phase currents. These two conversions are
normally performed within the first half of the PWM period or at most 3.5
μs after that time.
During each FOC execution rate (two PWM periods), the values of the phase currents are
sampled for one motor and the FOC algorithm related to that motor is executed. The
currents are therefore transformed with Clark and Park transformations, torque and flux PID
are executed and the voltage demand vector is computed using the reverse park
transformations and circle limitation.
The value of the three duty cycles to be applied to the inverter and the sampling points for
the current’s conversion are computed from the voltage demand vector, using the space
vector modulation. Depending on the selected firmware options, the state observer can be
used to estimate the rotor’s position and speed. The MTPA (flux weakening and feed
forward) can also be executed.
Figure 6.
Control strategy block diagram for STM32 dual FOC MC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com