Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2981 Datasheet(PDF) 1 Page - KR Electronics, Inc.

Part # 2981
Description  Equalizer
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KR [KR Electronics, Inc.]
Direct Link  http://www.krfilters.com
Logo KR - KR Electronics, Inc.

2981 Datasheet(HTML) 1 Page - KR Electronics, Inc.

  2981 Datasheet HTML 1Page - KR Electronics, Inc. 2981 Datasheet HTML 2Page - KR Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Page 1
© 2010, KR Electronics, Inc.
2981, Equalizer, Rev 0, March 12, 2010
KR Electronics, Inc.
KR 2981 is a 100 to 2800 MHz equalizer. The equalizer has a
15 dB rolloff. Other bandwidths and slopes are available. Please
consult the factory.
General Description
KR Electronics, Inc.
Features
 Equalizer
 Good for Cable Equalization
 15 dB Slope
 Other Slopes Available
 SMA Connectors
 50  Source and Load
Typical Performance
www.krfilters.com
KR Electronics, Inc.
91 Avenel Street
Avenel, NJ 07001
www.krfilters.com
sales@krfilters.com
(732) 636-1900
(732) 636-1982
Web
Email
Phone
Fax
Overall Response
(2 dB/div)


Similar Part No. - 2981

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
2981 ALLEGRO-2981 Datasheet
718Kb / 11P
8-CHANNEL SOURCE DRIVERS
logo
Adafruit Industries
2981 ADAFRUIT-2981 Datasheet
106Kb / 1P
Stranded-Core Wire Spool - 25ft - 22AWG - Violet
logo
Keystone Electronics Co...
2981 KEYSTONE-2981 Datasheet
392Kb / 1P
THRU HOLE (THM) & SURFACE MOUNT (SMT) COIN CELL RETAINERS
31-07 20th
logo
Littelfuse
298100 LITTELFUSE-298100 Datasheet
52Kb / 1P
Blade Terminal & Special Purpose Fuses - Low Voltage
logo
PHOENIX CONTACT
2981017 PHOENIX-2981017 Datasheet
92Kb / 6P
Safety relays - PSR-SPP- 24DC/ESP4/2X1/1X2
09/12/2020
More results

Similar Description - 2981

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LV3100M SANYO-LV3100M Datasheet
425Kb / 9P
Parametric Equalizer
logo
List of Unclassifed Man...
YSS231 ETC-YSS231 Datasheet
552Kb / 8P
GRAPHIC EQUALIZER
logo
Sony Corporation
CXA1298 SONY-CXA1298 Datasheet
293Kb / 13P
equalizer AMP
logo
List of Unclassifed Man...
LA3110 ETC-LA3110 Datasheet
178Kb / 4P
EQUALIZER AMP
EF2A51A ETC2-EF2A51A Datasheet
58Kb / 1P
Equalizer
logo
KR Electronics, Inc.
3069 KR-3069 Datasheet
60Kb / 2P
Equalizer
3075 KR-3075 Datasheet
46Kb / 2P
Equalizer
3141 KR-3141 Datasheet
53Kb / 2P
Equalizer
logo
Mini-Circuits
ZEQ-5-292-S MINI-ZEQ-5-292-S Datasheet
1Mb / 3P
Slope Equalizer
ZEQ-8-222N MINI-ZEQ-8-222N Datasheet
1Mb / 3P
Slope Equalizer
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com