Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4218 Datasheet(PDF) 10 Page - STMicroelectronics

Part # AN4218
Description  Hardware design guideline
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4218 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button AN4218 Datasheet HTML 6Page - STMicroelectronics AN4218 Datasheet HTML 7Page - STMicroelectronics AN4218 Datasheet HTML 8Page - STMicroelectronics AN4218 Datasheet HTML 9Page - STMicroelectronics AN4218 Datasheet HTML 10Page - STMicroelectronics AN4218 Datasheet HTML 11Page - STMicroelectronics AN4218 Datasheet HTML 12Page - STMicroelectronics AN4218 Datasheet HTML 13Page - STMicroelectronics AN4218 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
Good practices of system power supply
AN4218
10/26
DocID024014 Rev 2
2
Good practices of system power supply
2.1
Microcontroller power supply reactions on VBAT transients
This section shows the measurements done on a system-basis-chip L99PM62GXP, which
provides the power supply (VDD) to the microcontroller.
In addition to the microcontroller power supply this device provides also an NRESET output,
which should be used to drive the microcontroller NRESET input for achieving maximum
reliability of the microcontroller power-up state.
The measurements have been taken from the STMicroelectronics In-Application-Validation-
Report of the L99PM62GXP. This document is available on request.
2.1.1
L99PM62GXP block diagram
Figure 8 shows a typical ST system-basis chip, which contains voltage regulators to
generate the supply for the microcontroller (output V1). Additionally it provides physical
layer interfaces (LIN, CAN), a serial-parallel interface and various high-side and low-side
drivers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com