Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4300 Datasheet(PDF) 7 Page - STMicroelectronics

Part # AN4300
Description  Advanced light control and diagnostics using
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4300 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button AN4300 Datasheet HTML 3Page - STMicroelectronics AN4300 Datasheet HTML 4Page - STMicroelectronics AN4300 Datasheet HTML 5Page - STMicroelectronics AN4300 Datasheet HTML 6Page - STMicroelectronics AN4300 Datasheet HTML 7Page - STMicroelectronics AN4300 Datasheet HTML 8Page - STMicroelectronics AN4300 Datasheet HTML 9Page - STMicroelectronics AN4300 Datasheet HTML 10Page - STMicroelectronics AN4300 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 40 page
background image
DocID024675 Rev 2
7/40
AN4300
Lighting application design challenge
39
1.2
Driver signals characteristics
The signals that drive the light loads must satisfy the following requirements:
•
Capability to drive up to 60 channels with PWM signals
•
Capability to drive different load types using PWM signals with different characteristics:
–
Bulb lamp
PWM frequency: ~100 Hz
Duty cycle: 50 to 100 %
Duty cycle adjustment precision: usually 5 %
–LED
PWM frequency: 150 to 200 Hz
Duty cycle: 10 % to 100 % (as much as 2 % to 100 % for high efficiency LED)
Duty cycle adjustment precision: usually 1–2 %
The variation of the duty cycle is performed to maintain constant power on the lamps when
the battery voltage changes.
The duty cycle variation is based on the following expression:
Equation 1
where
Vref is the nominal value of the battery voltage
Vbat is the actual battery voltage
If Vbat ≤ Vref, the duty cycle is equal to 100 %, else the expression is applied. The adaptation
of the duty cycle is performed one time per period.
A typical battery voltage value for automotive applications is 13.2 V, so if, for example, the
application reads a Vbat equal to 16 V, a duty cycle of 68 % applies.
When turning the lamp light bulb on, the bulb current applied to a cold filament can reach up
to 10 times the rated current. The total current of several lamps causes a significant power
supply voltage drop and an increase in the electromagnetic interference (or EMI) emissions.
Therefore, it is essential not to drive all lamps together and it is necessary to introduce a
delay between each pair of rising edges of the PWM signals (see Figure 3).
1.3
System proposal
In a typical system solution for a light application, the SPC56xB/Cx microcontroller family
can manage several power drivers, depending on how the power is managed and the
number of channels to be driven.
Some devices are driven by an SPI link. Using this link, the application can configure the
signals, that are generated inside the driver device, to drive the loads.
bat
re f
V
V
2
2
=
δ
If V b a t > V r e f
bat
re f
V
V
2
2
=
δ
If V b a t > V r e f



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com