Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4300 Datasheet(PDF) 13 Page - STMicroelectronics

Part # AN4300
Description  Advanced light control and diagnostics using
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4300 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AN4300 Datasheet HTML 9Page - STMicroelectronics AN4300 Datasheet HTML 10Page - STMicroelectronics AN4300 Datasheet HTML 11Page - STMicroelectronics AN4300 Datasheet HTML 12Page - STMicroelectronics AN4300 Datasheet HTML 13Page - STMicroelectronics AN4300 Datasheet HTML 14Page - STMicroelectronics AN4300 Datasheet HTML 15Page - STMicroelectronics AN4300 Datasheet HTML 16Page - STMicroelectronics AN4300 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 40 page
background image
DocID024675 Rev 2
13/40
AN4300
SPC56xBx features to cover lighting needs
39
2.3
ADC (Analog-to-Digital Converter)
The 2 ADC module convert analog signals into digital form; ADC_0 with a 10-bit resolution
and ADC_1 with a 12-bit resolution offering normal, injected and trigger-injected modes.
The ADC module can be configured to provide up to 62 single-ended input channels with no
additional external logic, exapandable to 90 channels using an external multiplexer, all
driven by the ADC module logic.
When using the SPC56EC74:
•
The ADC channels 0–15 correspond to ANP pins 0–15 with a resolution of 10-bit or 12-
bit (depending on the choice of ADC_0 (10-bit resolution) or ADC_1 (12-bit resolution);
in both cases the used pins are the same (precision channels)
•
The ADC_0 channels 32–60 (28 channels) correspond to ANS pins 0–27 (extended
channel, medium occurrence) while the ADC_1 channels 32-44 corresponf to ANS pins
0-12
•
The ADC channels 64–95 correspond to ANX pins 0–3 (external multiplexer driven by
MA0–2 ADC pins; external channel, medium accuracy)
For the family SPC56xB/Cxx, 6 + 3 analog watchdogs (6 on 10-bit ADC, 3 on 12-bit ADC)
are present on the ADC peripheral.
The analog watchdogs provide the capability to generate an interrupt for continuous
hardware monitoring to determine if the converted channel value lies within a given guarded
area defined by user-specified threshold values. If the converted value lies outside the
guarded area, an interrupt is generated. The analog watchdog interrupts are well suited for
light bulb diagnostic purposes.
With SPC56xB/Cxx devices, the diagnosis value can be collected in hardware mode, thus
reducing the load on the CPU for this task. Moreover, one time within an input signal period,
a load is placed on the CPU when these values collected in hardware mode are checked
and when they are compared to certain thresholds.
The analog watchdog feature can reduce this CPU load by triggering an interrupt only when
a fault occurs, instead of one time for the period, because the diagnosis check is performed
in automatic mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com