Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4368 Datasheet(PDF) 8 Page - STMicroelectronics

Part # AN4368
Description  Signal conditioning for pyroelectric passive infrared
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4368 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button AN4368 Datasheet HTML 4Page - STMicroelectronics AN4368 Datasheet HTML 5Page - STMicroelectronics AN4368 Datasheet HTML 6Page - STMicroelectronics AN4368 Datasheet HTML 7Page - STMicroelectronics AN4368 Datasheet HTML 8Page - STMicroelectronics AN4368 Datasheet HTML 9Page - STMicroelectronics AN4368 Datasheet HTML 10Page - STMicroelectronics AN4368 Datasheet HTML 11Page - STMicroelectronics AN4368 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
Three-stage architecture for detecting motion
AN4368
8/18
DocID025334 Rev 1
Thus, when the signal (Vout2) is lower than 0.53 V, the output voltage of U4 is in low state
(see Table 1). If only one digital output is required, the user may use a NAND gate
connected to the outputs of U3 and U4.
Table 1: NAND truth table
Vout2
Output U3
Output U4
Output NAND gate
Vout2 < 0.16 * Vcc
High
Low
High
0.16 * Vcc < Vout2 < 0.84 * Vcc
High
High
Low
Vout2 > 0.84 * Vcc
Low
High
High
3.4
The best op-amp for each architectural stage
The schematics show that a quad op-amp is a good choice for the current application: one
op-amp for stage 1, a second op-amp for stage 2 and two additional op-amps for stage 3.
In this respect, the TSU104 is ideal as only one active component is needed for signal
conditioning. The one drawback of the TSU104 is that it uses two op-amps for a
comparator function but, this is not an issue at such low speeds.
However, it may be better to use an open drain comparator (TS332) whose outputs are
connected together as described in Figure 6.
Figure 6: Window comparator schematic
1.
C = capacitor, R = resistor, U = op amp
As long as there is no detection, the output is in high state and it minimizes consumption
through the pull-up resistor.
The global schematic that shows the three architectural stages together is available in
Section 8: "Appendix A".



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com