Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN4368 Datasheet(PDF) 14 Page - STMicroelectronics

Part # AN4368
Description  Signal conditioning for pyroelectric passive infrared
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4368 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button AN4368 Datasheet HTML 10Page - STMicroelectronics AN4368 Datasheet HTML 11Page - STMicroelectronics AN4368 Datasheet HTML 12Page - STMicroelectronics AN4368 Datasheet HTML 13Page - STMicroelectronics AN4368 Datasheet HTML 14Page - STMicroelectronics AN4368 Datasheet HTML 15Page - STMicroelectronics AN4368 Datasheet HTML 16Page - STMicroelectronics AN4368 Datasheet HTML 17Page - STMicroelectronics AN4368 Datasheet HTML 18Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
Conditioning the signal
AN4368
14/18
DocID025334 Rev 1
Figure 11 shows the output of the U3 and U4 op-amps which are used as comparators.
When motion is detected, the U3 and/or U4 output goes low, close to ground. The output of
the global signal conditioning chain can be plugged directly to a microcontroller input and
consequently, we can trigger an alarm, switch on a light, etc
Figure 11: Output voltage of the comparator stage
Note that an initialization time has to be taken into consideration to detect movement. This
is due to the warm up time of the sensor and the charge of the capacitors. This means that
a "blank" time has to be taken into account at microcontroller level.
Table 2 below shows the key parameters of the products (TSU10x and TS33x) used in this
application.
Table 2: Key parameters of the products TSU10x and TS33x
Features
TSU10x
(op amp)
TS33x
(open-drain comparator)
Vcc range
1.5 V
– 5.5 V
1.6 V
– 5 V
Number of channels
Available in single, dual, and quad versions
Icc (typ)
0.6 µA
23 µA
AC performance
Bandwidth 8 kHz
Propogation delay:
- 270 ns (high to low)
- 450 ns (low to high)
Vio (max)
3 mV
5 mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com