Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSD30P06 Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # SSD30P06
Description  P-Ch Enhancement Mode Power MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SSD30P06 Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  SSD30P06_15 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SSD30P06_15 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SSD30P06_15 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SSD30P06_15 Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SSD30P06-45D
P-Ch Enhancement Mode Power MOSFET
28A, -60V, RDS(ON) 49mΩ
Elektronische Bauelemente
16-Aug-2010 Rev.A
Page 2 of 4
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise specified)
PARAMETER
SYMBO MIN.
TYP. MAX. UNIT
TEST CONDITIONS
Static
Gate-Threshold Voltage
VGS(th)
-1
-
-
VDS= VGS, ID = -250 μA
Gate-Body Leakage
IGSS
-
-
±100
nA
VDS = 0V, VGS= ±20V
Zero Gate Voltage Drain Current
IDSS
-
-
-1
μA
VDS= -48V, VGS= 0V
-
-
-10
VDS= -48V, VGS=0V, TJ=55°C
On-State Drain Current
a
ID(on)
-20
-
-
A
VDS = -5V, VGS= -10V
Drain-Source On-Resistance
a
RDS(ON)
-
-
49
mΩ
VGS= -10V, ID= -28A
-
-
60
VGS= -4.5V, ID= -24A
Forward Transconductance
a
gfs
-
8
-
S
VDS= -15V, ID= -28A
Diode Forward Voltage
VSD
-
-
-1.2
V
IS= -2.5 A, VGS= 0 V
Dynamic
b
Total Gate Charge
Qg
-
18
-
nC
VDS = -30 V
VGS = -4.5 V
ID = -28 A
Gate-Source Charge
Qgs
-
5
-
Gate-Drain Charge
Qgd
-
2
-
Turn-on Delay Time
Td(on)
-
8
-
nS
VDD= -30 V
ID= -1 A
VGEN = -10 V
RL= 30 
RG= 6 
Rise Time
Tr
-
10
-
Turn-off Delay Time
Td(off)
-
35
-
Fall Time
Tf
-
12
-
Notes
a.
Pulse test:Pulse width ≦ 300 μs, duty cycle ≦ 2%.
b.
Guaranteed by design, not subject to production testing.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com