Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSD30P06 Datasheet(PDF) 3 Page - SeCoS Halbleitertechnologie GmbH

Part # SSD30P06
Description  P-Ch Enhancement Mode Power MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SSD30P06 Datasheet(HTML) 3 Page - SeCoS Halbleitertechnologie GmbH

  SSD30P06_15 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SSD30P06_15 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SSD30P06_15 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SSD30P06_15 Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
SSD30P06-45D
P-Ch Enhancement Mode Power MOSFET
28A, -60V, RDS(ON) 49mΩ
Elektronische Bauelemente
16-Aug-2010 Rev.A
Page 3 of 4
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
CHARACTERISTIC CURVE
s
c
i
t
s
i
r
e
t
c
a
r
a
h
C
r
e
f
s
n
a
r
T
s
c
i
t
s
i
r
e
t
c
a
r
a
h
C
t
u
p
t
u
O
On-Resistance vs. Junction Temperature
Gate Charge
Capacitance
On-Resistance vs. Drain Current
0
3
6
9
12
15
012
345
VDS - Drain-to-Source Voltage (V)
-4.5V
VGS = -10V
0
3
6
9
12
15
12345
VGS - Gate-to-Source Voltage (V)
TA = -55oC
25oC
125oC
0.8
1
1.2
1.4
1.6
1.8
024
6
8
10
ID - Drain Current (A)
-10V
-4.5V
-10
-8
-6
-4
-2
0
0
6
12
18
24
30
36
Qg, Charge (nC)
0
400
800
1200
1600
2000
2400
0
5
10
15
20
25
30
V
DS - Drai n -to-S ou rce Vol tage (V)
Ciss
Coss
Crss
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
-50
-25
0
25
50
75
100
125
150
175
On-Resistance vs. Junction Temperature
VGS = -10V



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com