Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN1643 Datasheet(PDF) 6 Page - STMicroelectronics

Part # AN1643
Description  6 CH VOLUME CONTROLLER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1643 Datasheet(HTML) 6 Page - STMicroelectronics

  AN1643 Datasheet HTML 1Page - STMicroelectronics AN1643 Datasheet HTML 2Page - STMicroelectronics AN1643 Datasheet HTML 3Page - STMicroelectronics AN1643 Datasheet HTML 4Page - STMicroelectronics AN1643 Datasheet HTML 5Page - STMicroelectronics AN1643 Datasheet HTML 6Page - STMicroelectronics AN1643 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
AN1643 APPLICATION NOTE
6/7
Power - On-Off sequences:
In order to avoid damages to the SAM261 board it is important to follow these sequences:
At Power-On apply in the first the Auxiliary Power Supply (±24V) and after the Main Power Supply
(+50V), in this condition the system is in "Mute state" and it can move in "play state" with the switch present
on the pcb.
At Power-Off is better to bring the SAM module in "Mute state" and after that to follow this order: switch-
off the Main Supply Voltage (+50V) and subsequently the Auxiliary Power Supply. (±24V).
Figure 5. Thd +noise vs. Output Power Satellite channels
Figure 6. Thd +noise vs. Output Power Subwoofer channel
Dis tortion vs . Out put P ower
TDA 7448 + S AM 261
Out put 1
Rl= 8 O hm
s olid Cy an line f= 1 k hz
das h Green line = 10 k hz
dot Red line = 100 Hz
0.01
10
0.02
0.05
0.1
0.2
0.5
1
2
5
%
100m
60
200m
500m
1
2
5
10
20
W
Dis tortion vs. Output P ower
TDA7448 + SAM 261
Output s ubwoofer
Rl= 4 Ohm
solid line Green f= 1 khz
dot line yellow = 100 Hz
0.01
10
0.02
0.05
0.1
0.2
0.5
1
2
5
%
600m
100
12
5
10
20
50
W



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com