Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN1643 Datasheet(PDF) 1 Page - STMicroelectronics

Part # AN1643
Description  6 CH VOLUME CONTROLLER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1643 Datasheet(HTML) 1 Page - STMicroelectronics

  AN1643 Datasheet HTML 1Page - STMicroelectronics AN1643 Datasheet HTML 2Page - STMicroelectronics AN1643 Datasheet HTML 3Page - STMicroelectronics AN1643 Datasheet HTML 4Page - STMicroelectronics AN1643 Datasheet HTML 5Page - STMicroelectronics AN1643 Datasheet HTML 6Page - STMicroelectronics AN1643 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1/7
AN1643
APPLICATION NOTE
January 2003
Before to start the description we summarize what are the characteristic of the two boards.
TDA7448 Board:
With this board is possible to obtain the independent Volume Control for six channels in 1.0dB Steps, the
Volume attenuation ranges from 0 to -79dB.
All functions are programmable via serial Bus (I2C).
The board is feed with a supply voltage ranging from 4.75 to10V.
It will be also described how to use the control sw.
SAM261 BOARD:
SAM261 is a BASH@6.1 (6x50W + 1X100W) amplifier utilizing the STA530 IC.
This board is specifically designed for multi-channel implementation in DVD - HTIB
Systems, Multi - Media systems, Mini and Micro systems and Set Top boxes.
SAM261 is dimensioned to provide the maximum Output Power (@ THD= 10%) on two channels and 1/3 max
Pout on the remaining Outputs, this assumption is important to define the main Power Supply size (+50V).
In this document we describe an application configuration where the used loads are:
5 X 50 W @ 8 ohm load (Left / Right/ Rear-Left /Rear- Right/ Centre)
1 X 100W @ 4 ohm load (Subwoofer)
CONTROL SOFTWARE
Figure 1.
by Luigi Pagotto & Marco Motta
6 CH VOLUME CONTROLLER
PLUS SAM261 BASH AMPLIFIER
In this document is explained how to connect the Audio processor TDA7448 to the board BASH
SAM261, in order to obtain a complete amplifier with the volume controlled via I2C bus.


Similar Part No. - AN1643

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
AN1642D ONSEMI-AN1642D Datasheet
156Kb / 11P
3.3V / 5V ECL 2-Input Differential XOR/XNOR
September, 2012 ??Rev. 6
logo
STMicroelectronics
AN1645 STMICROELECTRONICS-AN1645 Datasheet
609Kb / 22P
STSR2P/STSR2PM SIMPLIFIES IMPLEMENTATION
Dec-2003
More results

Similar Description - AN1643

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7448 STMICROELECTRONICS-TDA7448 Datasheet
353Kb / 13P
6 CHANNEL VOLUME CONTROLLER
Dec-2002
logo
Princeton Technology Co...
PT2258 PTC-PT2258 Datasheet
180Kb / 15P
6-Channel Electronic Volume Controller IC
logo
SamHop Microelectronics...
SM7347 SAMHOP-SM7347 Datasheet
218Kb / 15P
6 CHANNELS VOLUME CONTROLLER
logo
fujitsu semiconductor
MB87077 FUJITSU-MB87077 Datasheet
535Kb / 13P
6-bit, 4-channel Electronic Volume Controller
logo
SamHop Microelectronics...
SM7346 SAMHOP-SM7346 Datasheet
302Kb / 18P
6 CHANNELS VOLUME CONTROLLER
SM7346A SAMHOP-SM7346A Datasheet
311Kb / 19P
6 CHANNELS VOLUME CONTROLLER
SM7347A SAMHOP-SM7347A Datasheet
215Kb / 15P
6 CHANNELS VOLUME CONTROLLER
logo
Princeton Technology Co...
PT2258 PTC-PT2258_07 Datasheet
228Kb / 17P
6-Channel Electronic Volume Controller IC
logo
STMicroelectronics
TDA7448 STMICROELECTRONICS-TDA7448_04 Datasheet
382Kb / 14P
6 CHANNEL VOLUME CONTROLLER
Jun-2004
AN1656 STMICROELECTRONICS-AN1656 Datasheet
184Kb / 6P
6 CH VOLUME CONTROLLER
Feb-2003
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com