Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2021 Datasheet(PDF) 28 Page - STMicroelectronics

Part # AN2021
Description  The ST10F272B and ST10F272E are members of the STMicroelectronics
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2021 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button AN2021 Datasheet HTML 24Page - STMicroelectronics AN2021 Datasheet HTML 25Page - STMicroelectronics AN2021 Datasheet HTML 26Page - STMicroelectronics AN2021 Datasheet HTML 27Page - STMicroelectronics AN2021 Datasheet HTML 28Page - STMicroelectronics AN2021 Datasheet HTML 29Page - STMicroelectronics AN2021 Datasheet HTML 30Page - STMicroelectronics AN2021 Datasheet HTML 31Page - STMicroelectronics AN2021 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 39 page
background image
New registers
AN2021
28/39
4
New registers
4.1
XADRS3 register
On previous ST10 devices, this register was already present but its value was mask
programmed. On the ST10F272 this register has been made available to the user. In this
way the address range of the XRAM2 memory is now user-programmable.
The register functionality is the same as that of ADDRSELx registers used for external
address range selection, with some limitations:
The address window can only be located in the first megabyte of addressable space,
that is, in the 00’0000h-0F’FFFFh range
The window start address must be aligned to a Range Size boundary
4.1.1
Hardware impact
None.
ST10F272: XADRS3 (F01Ch)
SFR
Reset value: 800Bh
15
14
13
12
11
10
98765
4321
0
RGSAD
RGSZ
R/W
R/W
Table 16.
XADRS3 register description
Bit
Bit name
Function
15:4
RGSAD
Range Start Address
Defines the bits A19..A8 of the start address of the address window.
3:0
RGSZ
Range Size Selection
Defines the size of the address window.
Table 17.
Definition of address area
Bit field
RGSZ
Selected window
size
Relevant bit (R) of
RGSAD
Selected range Start Address
Relevant bit (R) of Address (A23 - A0)
0 0 0 0
256 bytes
RRRR RRRR RRRR
0000 RRRR RRRR RRRR xxxx xxxx
0 0 0 1
512 bytes
RRRR RRRR RRRx
0000 RRRR RRRR RRRx xxxx xxxx
...
...
...
...
1 0 1 0
256 Kbytes
RRxx xxxx xxxx
0000 RRxx xxxx xxxx xxxx xxxx
1 0 1 1
512 Kbytes
Rxxx xxxx xxxx
0000 Rxxx xxxx xxxx xxxx xxxx
1 1 x x
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com