Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2021 Datasheet(PDF) 30 Page - STMicroelectronics

Part # AN2021
Description  The ST10F272B and ST10F272E are members of the STMicroelectronics
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2021 Datasheet(HTML) 30 Page - STMicroelectronics

Back Button AN2021 Datasheet HTML 26Page - STMicroelectronics AN2021 Datasheet HTML 27Page - STMicroelectronics AN2021 Datasheet HTML 28Page - STMicroelectronics AN2021 Datasheet HTML 29Page - STMicroelectronics AN2021 Datasheet HTML 30Page - STMicroelectronics AN2021 Datasheet HTML 31Page - STMicroelectronics AN2021 Datasheet HTML 32Page - STMicroelectronics AN2021 Datasheet HTML 33Page - STMicroelectronics AN2021 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 39 page
background image
New registers
AN2021
30/39
Example in case of Small memory model with tasking toolchain
The Small memory model makes it possible to have a total code size up to 16 Mbytes, up to
64 Kbytes of fast accessible 'normal user data' in three different memory configurations and
the possibility to access far/huge data, if more than 64 Kbytes of data is needed.
The three memory configurations possible for this 64 Kbytes of 'normal user data' are:
Default
The four DPP registers are assumed to contain their system startup value (0-3),
providing one linear data area of 64 Kbytes in the first segment (00’0000h - 00’FFFFh).
Addresses Linear
DPP3 contains page number 3, allowing access to SYSTEM (extended) SFR registers
and bit-addressable memory. DPP0 - DPP2 provide a linear data area of 48 Kbytes
anywhere in memory.
Paged
DPP3 contains page number 3, allowing access to SYSTEM (extended) SFR registers
and bit-addressable memory. DPP0, DPP1 and DPP2 contain the page number of a
data area of 16 Kbytes anywhere in memory.
Therefore, mapping the XRAM2 onto page 2 (segment 0) makes it available for PEC transfer
and the default configuration of the C compiler toolchains can still be used.
4.2
XPEREMU register
This register has been added as a write-only register.
The bit meaning is exactly the same as in the XPERCON register.
4.2.1
Hardware impact
None.
4.2.2
Software impact
Once the XPEN bit of the SYSCON register is set and at least one of the XPeripherals
(except for memories) is activated, the XPEREMU register must be written with the same
contents as the XPERCON register: This is mandatory in order to allow a correct emulation
of the new set of features introduced on XBus for the new ST10 generation. The following
instructions must be added inside the initialization routine:
if (SYSCON.XPEN && (XPERCON & 0x07D3))
then {XPEREMU = XPERCON}
ST10F272: XPEREMU (EB7Eh)
XREG
Reset value: XXXXh
15
14
13
12
11
10
98765
4321
0
Reserved
XMIS
CEN
XI2
CEN
XSS
CEN
XAS
CEN
XPW
MEN
Res.
XRT
CEN
CAN2
EN
CAN1
EN
-
WOWOWO
WOWO
-
WOWOWOWOWO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com