Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2142 Datasheet(PDF) 10 Page - STMicroelectronics

Part # AN2142
Description  This document provides an introduction to the Tasking toolchain
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2142 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button AN2142 Datasheet HTML 6Page - STMicroelectronics AN2142 Datasheet HTML 7Page - STMicroelectronics AN2142 Datasheet HTML 8Page - STMicroelectronics AN2142 Datasheet HTML 9Page - STMicroelectronics AN2142 Datasheet HTML 10Page - STMicroelectronics AN2142 Datasheet HTML 11Page - STMicroelectronics AN2142 Datasheet HTML 12Page - STMicroelectronics AN2142 Datasheet HTML 13Page - STMicroelectronics AN2142 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
Tasking ST10 toolchain
AN2142
10/16
The following window appears:
There are 5 memory models: Tiny, Small, Medium, Large and Huge. The small memory model
is used by default.
The memory model defines the default variable and function location and their default pointer
size. The right selection depends on the application and impacts the compiler efficiency.
The memory models with their characteristics are represented in the following table:
For more details about memory models and choice criteria, please refer to Tasking
documentation.
Data size
Code size
Far/Huge/Shuge
data allowed
Near data
allowed
Tiny
<64K
<64K
No
Not applicable
Small
<64K
>64K
Yes
Not applicable
Medium
>64K
<64K
Yes
Yes
Large
>64K
>64K
Yes
Yes
Huge
>64K
>64K
Yes
Yes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com