Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2168 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN2168
Description  The ST10F27x MCUs are derivatives of the STMicroelectronics
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2168 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN2168 Datasheet HTML 5Page - STMicroelectronics AN2168 Datasheet HTML 6Page - STMicroelectronics AN2168 Datasheet HTML 7Page - STMicroelectronics AN2168 Datasheet HTML 8Page - STMicroelectronics AN2168 Datasheet HTML 9Page - STMicroelectronics AN2168 Datasheet HTML 10Page - STMicroelectronics AN2168 Datasheet HTML 11Page - STMicroelectronics AN2168 Datasheet HTML 12Page - STMicroelectronics AN2168 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
AN2168
4 Start up configuration
9/15
4
Start up configuration
Port 0 is used to select the start up system configuration by the mean of external pull down
resistors. During reset, Port 0 lines are set to input mode with internal pull up resistors. The port
0 pins are read at the end of the reset sequence.
The following table summarizes the port0 lines corresponding to the start up features:
Table 2.
Port 0 fields
Note: 1 A low level is applied using a pull down resistor of 8 kOhms.
For more details regarding the P0 fields and corresponding meanings, refer to ST10F27x
datasheet or user manual.
Port 0 lines
Function
Comments
P0L.0
Emulation mode
1)
P0L.1
Adapt mode
1)
P0L.4, P0L.5
Boot strap mode
1)
See Section 5: Boot
management
P0L.6, P0L.7
BUSTYP: CS0 Bus type configuration
1)
P0H.0
WRC Write/ Read configuration
1)
P0H.1, P0H.2
CSSEL: Chip Select
1)
P0H.3, P0H.4
SALSEL: CS0 Address Lines
1)
P0H.5.. P0H.7
CLKCFG: Clock configuration
1)
See Section 2: Clock
management



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com