Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2168 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN2168
Description  The ST10F27x MCUs are derivatives of the STMicroelectronics
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2168 Datasheet(HTML) 5 Page - STMicroelectronics

  AN2168 Datasheet HTML 1Page - STMicroelectronics AN2168 Datasheet HTML 2Page - STMicroelectronics AN2168 Datasheet HTML 3Page - STMicroelectronics AN2168 Datasheet HTML 4Page - STMicroelectronics AN2168 Datasheet HTML 5Page - STMicroelectronics AN2168 Datasheet HTML 6Page - STMicroelectronics AN2168 Datasheet HTML 7Page - STMicroelectronics AN2168 Datasheet HTML 8Page - STMicroelectronics AN2168 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
AN2168
2 Clock management
5/15
Figure 2.
Prescaler operation
For more details, please refer to the ST10F27x datasheet.
2.1.3
PLL operation
For the remaining combinations of pins P0H.7, P0H.6 and P0H.5, the PLL operation is enabled
and provides the ST10F27x with a main clock. The PLL multiplies the input frequency entered
on pin XTAL1 by a factor selected by the pins P0H.7, P0H.6 and P0H.5 levels.
For more details regarding the maximum crystal frequency and the resulted CPU frequency,
refer to ST10F27x datasheet.
Example:
If a 5 Mhz external crystal is used and P0H[7..5] = 101 configuration is selected, ST10F27x will
run with a 40 Mhz frequency. This example is illustrated in the following figure.
Figure 3.
PLL operation example
2.2
32 kHz low power oscillator
When power down mode is entered, the main oscillator generating the ST10F27x main clock is
switched OFF. If the RTC module needs to continue running during power down mode, a
reference clock is needed. Therefore, a 32 kHz crystal is connected to the low power oscillator
pins XTAL3 and XTAL4, in order to give a reference clock to the RTC module if the main
oscillator is stopped.
XTAL1
XTAL2
P0H.6 = 0
VSS
P0H.5 = 1
VDD
P0H.7 = 0
VSS
XTAL1
XTAL2
P0H.6 = 0
VSS
P0H.5 = 1
VDD
P0H.7 = 1
VDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com